Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 60 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD7779 Datasheet HTML 56Page - Analog Devices AD7779 Datasheet HTML 57Page - Analog Devices AD7779 Datasheet HTML 58Page - Analog Devices AD7779 Datasheet HTML 59Page - Analog Devices AD7779 Datasheet HTML 60Page - Analog Devices AD7779 Datasheet HTML 61Page - Analog Devices AD7779 Datasheet HTML 62Page - Analog Devices AD7779 Datasheet HTML 63Page - Analog Devices AD7779 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 60 of 97
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x053
CH7_ERR_REG
[7:0]
RESERVED
CH7_ERR_
AINM_UV
CH7_
ERR_
AINM_
OV
CH7_
ERR_
AINP_UV
CH7_ERR_
AINP_OV
CH7_ERR_
REF_DET
0x00
R
0x054
CH0_1_SAT_
ERR
[7:0]
RESERVED
CH1_ERR_
MOD_SAT
CH1_ERR_
FILTER_SAT
CH1_
ERR_
OUT-
PUT_
SAT
CH0_ERR_
MOD_SAT
CH0_ERR_
FILTER_SAT
CH0_ERR_
OUTPUT_
SAT
0x00
R
0x055
CH2_3_SAT_
ERR
[7:0]
RESERVED
CH3_ERR_
MOD_SAT
CH3_ERR_
FILTER_SAT
CH3_
ERR_
OUT-
PUT_
SAT
CH2_ERR_
MOD_SAT
CH2_ERR_
FILTER_SAT
CH2_ERR_
OUTPUT_
SAT
0x00
R
0x056
CH4_5_SAT_
ERR
[7:0]
RESERVED
CH5_ERR_
MOD_SAT
CH5_ERR_
FILTER_SAT
CH5_
ERR_
OUT-
PUT_
SAT
CH4_ERR_
MOD_SAT
CH4_ERR_
FILTER_SAT
CH4_ERR_
OUTPUT_
SAT
0x00
R
0x057
CH6_7_SAT_
ERR
[7:0]
RESERVED
CH7_ERR_
MOD_SAT
CH7_ERR_
FILTER_SAT
CH7_
ERR_
OUT-
PUT_
SAT
CH6_ERR_
MOD_SAT
CH6_ERR_
FILTER_SAT
CH6_ERR_
OUTPUT_
SAT
0x00
R
0x058
CHX_ERR_
REG_EN
[7:0]
OUTPUT_
SAT_
TEST_
EN
FILTER_
SAT_
TEST_EN
MOD_SAT_
TEST_EN
AINM_UV_
TEST_EN
AINM_
OV_
TEST_EN
AINP_UV_
TEST_EN
AINP_OV_
TEST_EN
REF_DET_
TEST_EN
0xFE
R/W
0x059
GEN_ERR_
REG_1
[7:0]
RESERVED
MEMMAP_
CRC_ERR
ROM_CRC_
ERR
SPI_
CLK_
COUNT_
ERR
SPI_
INVALID_
READ_ERR
SPI_
INVALID_
WRITE_ERR
SPI_CRC_
ERR
0x00
R
0x05A
GEN_ERR_
REG_1_EN
[7:0]
RESERVED
MEMMAP_
CRC_TEST_EN
ROM_CRC_
TEST_EN
SPI_
CLK_
COUNT_
TEST_EN
SPI_
INVALID_
READ_
TEST_EN
SPI_
INVALID_
WRITE_
TEST_EN
SPI_CRC_
TEST_EN
0x3E
R/W
0x05B
GEN_ERR_
REG_2
[7:0]
RESERVED
RESET_
DETECTED
EXT_MCLK_
SWITCH_ERR
RE-
SERVED
ALDO1_
PSM_ERR
ALDO2_
PSM_ERR
DLDO_
PSM_ERR
0x00
R
0x05C
GEN_ERR_
REG_2_EN
[7:0]
RESERVED
RESET_
DETECT_EN
RESERVED
LDO_PSM_TEST_EN
LDO_PSM_TRIP_TEST_EN
0x3C
R/W
0x05D
STATUS_REG_1
[7:0]
RESERVED
CHIP_ERROR
ERR_LOC_
CH4
ERR_
LOC_
CH3
ERR_
LOC_CH2
ERR_LOC_
CH1
ERR_LOC_
CH0
0x00
R
0x05E
STATUS_REG_2
[7:0]
RESERVED
CHIP_ERROR
ERR_LOC_
GEN2
ERR_
LOC_
GEN1
ERR_
LOC_CH7
ERR_LOC_
CH6
ERR_LOC_
CH5
0x00
R
0x05F
STATUS_REG_3
[7:0]
RESERVED
CHIP_ERROR
INIT_
COMPLETE
ERR_
LOC_
SAT_
CH6_7
ERR_
LOC_SAT_
CH4_5
ERR_
LOC_SAT_
CH2_3
ERR_LOC_
SAT_CH0_1
0x00
R
0x060
SRC_N_MSB
[7:0]
RESERVED
SRC_N_ALL[11:8]
0x00
R/W
0x061
SRC_N_LSB
[7:0]
SRC_N_ALL[7:0]
0x80
R/W
0x062
SRC_IF_MSB
[7:0]
SRC_IF_ALL[15:8]
0x00
R/W
0x063
SRC_IF_LSB
[7:0]
SRC_IF_ALL[7:0]
0x00
R/W
0x064
SRC_UPDATE
[7:0]
SRC_
LOAD_
SOURCE
RESERVED
SRC_
LOAD_
UPDATE
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com