Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 90 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD7779 Datasheet HTML 86Page - Analog Devices AD7779 Datasheet HTML 87Page - Analog Devices AD7779 Datasheet HTML 88Page - Analog Devices AD7779 Datasheet HTML 89Page - Analog Devices AD7779 Datasheet HTML 90Page - Analog Devices AD7779 Datasheet HTML 91Page - Analog Devices AD7779 Datasheet HTML 92Page - Analog Devices AD7779 Datasheet HTML 93Page - Analog Devices AD7779 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 90 of 97
CHANNEL 2/CHANNEL 3 DSP ERRORS REGISTER
Address: 0x055, Reset: 0x00, Name: CH2_3_SAT_ERR
Channel 2 - ADC convers ion has
exceeded lim its and has been clam ped
Channel 3 - Modulator output s aturation
error
Channel 2 - Filter res ult has exceeded
a reas onable level, before offs et and
gain calibration has been applied.
Channel 3 - Filter res ult has exceeded
a reas onable level, before offs et and
gain calibration has been applied.
Channel 2 - Modulator output s aturation
error
Channel 3 - ADC convers ion has
exceeded lim its and has been clam ped
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] CH2_ERR_OUTPUT_SAT (R)
[5] CH3_ERR_MOD_SAT (R)
[1] CH2_ERR_FILTER_SAT (R)
[4] CH3_ERR_FILTER_SAT (R)
[2] CH2_ERR_MOD_SAT (R)
[3] CH3_ERR_OUTPUT_SAT (R)
Table 128. Bit Descriptions for CH2_3_SAT_ERR
Bits
Bit Name
Settings
Description
Reset
Access
5
CH3_ERR_MOD_SAT
Channel 3—Modulator Output Saturation Error
0x0
R
4
CH3_ERR_FILTER_SAT
Channel 3—Filter result has exceeded a reasonable level, before offset and
gain calibration has been applied
0x0
R
3
CH3_ERR_OUTPUT_SAT
Channel 3—ADC conversion has exceeded limits and has been clamped
0x0
R
2
CH2_ERR_MOD_SAT
Channel 2—Modulator Output Saturation Error
0x0
R
1
CH2_ERR_FILTER_SAT
Channel 2—Filter result has exceeded a reasonable level, before offset and
gain calibration has been applied
0x0
R
0
CH2_ERR_OUTPUT_SAT
Channel 2—ADC conversion has exceeded limits and has been clamped
0x0
R
CHANNEL 4/CHANNEL 5 DSP ERRORS REGISTER
Address: 0x056, Reset: 0x00, Name: CH4_5_SAT_ERR
Channel 4 - ADC convers ion has
exceeded lim its and has been clam ped
Channel 5 - Modulator output s aturation
error
Channel 4 - Filter res ult has exceeded
a reas onable level, before offs et and
gain calibration has been applied.
Channel 5 - Filter res ult has exceeded
a reas onable level, before offs et and
gain calibration has been applied.
Channel 4 - Modulator output s aturation
error
Channel 5 - ADC convers ion has
exceeded lim its and has been clam ped
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] CH4_ERR_OUTPUT_SAT (R)
[5] CH5_ERR_MOD_SAT (R)
[1] CH4_ERR_FILTER_SAT (R)
[4] CH5_ERR_FILTER_SAT (R)
[2] CH4_ERR_MOD_SAT (R)
[3] CH5_ERR_OUTPUT_SAT (R)
Table 129. Bit Descriptions for CH4_5_SAT_ERR
Bits
Bit Name
Settings
Description
Reset
Access
5
CH5_ERR_MOD_SAT
Channel 5—Modulator Output Saturation Error
0x0
R
4
CH5_ERR_FILTER_SAT
Channel 5—Filter result has exceeded a reasonable level, before offset and
gain calibration has been applied
0x0
R
3
CH5_ERR_OUTPUT_SAT
Channel 5—ADC conversion has exceeded limits and has been clamped
0x0
R
2
CH4_ERR_MOD_SAT
Channel 4—Modulator Output Saturation Error
0x0
R
1
CH4_ERR_FILTER_SAT
Channel 4—Filter result has exceeded a reasonable level, before offset and
gain calibration has been applied
0x0
R
0
CH4_ERR_OUTPUT_SAT
Channel 4—ADC conversion has exceeded limits and has been clamped
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com