Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 42 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD7779 Datasheet HTML 38Page - Analog Devices AD7779 Datasheet HTML 39Page - Analog Devices AD7779 Datasheet HTML 40Page - Analog Devices AD7779 Datasheet HTML 41Page - Analog Devices AD7779 Datasheet HTML 42Page - Analog Devices AD7779 Datasheet HTML 43Page - Analog Devices AD7779 Datasheet HTML 44Page - Analog Devices AD7779 Datasheet HTML 45Page - Analog Devices AD7779 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 42 of 97
Table 24. Additional Disable Power-Down Blocks
Block
Register
Notes
VCM
GENERAL_USER_CONFIG_1, Bit 5
Enable by default
Reference Buffer
BUFFER_CONFIG_1, Bits[4:3]
Precharge mode by default
Internal Reference Buffer
GENERAL_USER_CONFIG_1, Bit 4
Disable by default
-∆ Channel
CH_DISABLE, Bits[7:0]
All channels enable
SAR
GENERAL_USER_CONFIG_1, Bit 3
Disable by default
Internal Oscillator
GENERAL_USER_CONFIG_1, Bit 2
Enable by default
Power Modes
The AD7779 offers different power modes to improve the
power efficiency, high resolution and low power mode, which
can be controlled via GENERAL_USER_CONFIG_1, Bit 6. To
further reduce the power, additional blocks can be disabled
independently, as described in Table 24.
If the power mode changes, a pulse on the SYNC_IN pin is
required.
LDO Bypassing
The internal LDOs can be individually bypassed and an external
supply can be applied directly to AREG1CAP, AREG2CAP, or
DREGCAP pins. Table 25 shows the absolute minimum and
maximum supplies for these pins, as well as the associated
register used to bypass the regulator.
Table 25. LDO Bypassing
LDO
BUFFER_CONFIG_2,
Bits[2:0]1
Supply
Max (V)
Min (V)
AREG1CAP
1XX
1.9
1.85
AREG2CAP
X1X
1.9
1.85
DREGCAP
XX1
1.98
1.65
X means don’t care.
DIGITAL SPI INTERFACE
The SPI serial interface on the AD7779 consists of four signals:
CS, SDI, SCLK and SDO. A typical connection diagram of the
SPI interface is shown in Figure 100.
DSP/FPGA
AD7779
CS
SCLK
SDI
SDO
Figure 100. SPI Control Interface—AD7779 is the SPI Slave, Digital Signal
Processor (DSP)/Field Programmable Gate Array (FPGA) is the Master
The SPI interfaces operates in Mode 0 and Mode 3, CPOL = 0,
CPHA = 0 (Mode 0) or CPOL = 1, CPHA = 1 (Mode 3).
In pin control mode, the SDI can be used to read back the -Δ
results, depending on the level of the CONV_SAR pin, as
described in Table 17.
In SPI control mode, the SPI interface transfers data into the on-
chip registers while the SDO pin reads back data from the on-chip
registers or reads the SAR or the -Δ conversions results,
depending on the selected operation mode.
The SDO data source in SPI control mode is defined by the
GENERAL_USER_CONFIG_2 and GENERAL_USER_
CONFIG_3 registers, as described in Table 26.
Table 26. SPI Operation Mode in SPI Control Mode
GENERAL_USER_
CONFIG_2, Bit 5
Setting
GENERAL_USER_
CONFIG_3, Bit 4
Setting
Mode
0
0
Internal register
0
1
-∆ data conversion
1
X
SAR conversion
In SPI control mode, there are four different levels of I/O strength
on the SDO pin, which can be selected in GENERAL_USER_
CONFIG_2, Bits[4:3], as described in Table 27.
Table 27. SDO Strength
GENERAL_USER_CONFIG_2, Bits[4:3] Setting
Mode
0
0
Nominal
0
1
Strong
1
0
Weak
1
1
Extra strong
SCLK is the serial clock input for the device. All data transfers
(on either SDO or SDI) occur with respect to this SCLK signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com