Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 92 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 92 Page - Analog Devices

Back Button AD7779 Datasheet HTML 88Page - Analog Devices AD7779 Datasheet HTML 89Page - Analog Devices AD7779 Datasheet HTML 90Page - Analog Devices AD7779 Datasheet HTML 91Page - Analog Devices AD7779 Datasheet HTML 92Page - Analog Devices AD7779 Datasheet HTML 93Page - Analog Devices AD7779 Datasheet HTML 94Page - Analog Devices AD7779 Datasheet HTML 95Page - Analog Devices AD7779 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 92 of 97
GENERAL ERRORS REGISTER 1
Address: 0x059, Reset: 0x00, Name: GEN_ERR_REG_1
SPI CRC error
A CRC of the m em ory map contents
is run periodically to check for errors
SPI invalid write address
A CRC of the fuse contents is run
periodically to check for errors in
the fuses
SPI invalid read address
SPI clock counter error
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] SPI_CRC_ERR (R)
[5] MEMMAP_CRC_ERR (R)
[1] SPI_INVALID_WRITE_ERR (R)
[4] ROM_CRC_ERR (R)
[2] SPI_INVALID_READ_ERR (R)
[3] SPI_CLK_COUNT_ERR (R)
Table 132. Bit Descriptions for GEN_ERR_REG_1
Bits
Bit Name
Settings
Description
Reset
Access
5
MEMMAP_CRC_ERR
A CRC of the memory map contents is run periodically to check for errors
0x0
R
4
ROM_CRC_ERR
A CRC of the fuse contents is run periodically to check for errors in the fuses
0x0
R
3
SPI_CLK_COUNT_ERR
SPI clock counter error
0x0
R
2
SPI_INVALID_READ_ERR
SPI invalid read address
0x0
R
1
SPI_INVALID_WRITE_ERR
SPI invalid write address
0x0
R
0
SPI_CRC_ERR
SPI CRC error
0x0
R
GENERAL ERRORS REGISTER 1 ENABLE
Address: 0x05A, Reset: 0x3E, Name: GEN_ERR_REG_1_EN
Table 133. Bit Descriptions for GEN_ERR_REG_1_EN
Bits
Bit Name
Settings
Description
Reset
Access
5
MEMMAP_CRC_TEST_EN
Memory Map CRC Test Enable
0x1
R/W
4
ROM_CRC_TEST_EN
Fuse CRC Test Enable
0x1
R/W
3
SPI_CLK_COUNT_TEST_EN
SPI Clock Counter Test Enable
0x1
R/W
2
SPI_INVALID_READ_TEST_EN
SPI Invalid Read Address Test Enable
0x1
R/W
1
SPI_INVALID_WRITE_TEST_EN
SPI Invalid Write Address Test Enable
0x1
R/W
0
SPI_CRC_TEST_EN
SPI CRC Error Test Enable
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com