Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 55 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD7779 Datasheet HTML 51Page - Analog Devices AD7779 Datasheet HTML 52Page - Analog Devices AD7779 Datasheet HTML 53Page - Analog Devices AD7779 Datasheet HTML 54Page - Analog Devices AD7779 Datasheet HTML 55Page - Analog Devices AD7779 Datasheet HTML 56Page - Analog Devices AD7779 Datasheet HTML 57Page - Analog Devices AD7779 Datasheet HTML 58Page - Analog Devices AD7779 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 55 of 97
Minimum DCLKx Frequency
Select the DCLKx frequency ratio in such a way that the data is
completely shifted out before a new conversion is completed,
otherwise the previous conversion is overwritten and the trans-
mission becomes corrupt. The minimum DCLKx frequency ratio
is defined by the decimation rate, the operation mode, and the
lines enabled on the DOUT3 to DOUT0 data interface as
described in the following equations:
In standalone mode,
High Resolution Mode − DCLKMIN_RATIO < Decimation/
(8 × CHANNELS_PER_DOUT )
Low Power Mode − DCLKMIN_RATIO < Decimation/
(4 × CHANNELS_PER_DOUT)
In daisy-chain mode,
High Resolution Mode − DCLKMIN_RATIO< Decimation/
(8 × Devices × DOUTx Channels)
Low Power Mode − DCLKMIN_RATIO< Decimation/
(4 × Devices × DOUTx Channels)
As an example, when operating in master interface mode,
DOUTx = 01, the DOUT0 and DOUT1 pins shift out four Σ-Δ
channels each and, assuming a maximum output rate in high
resolution mode, the decimation = 128.
DCLKMIN < 128/ (8 × 4) = 4
If the DCLKMIN_RATIO is selected above the necessary minimum, a
Logic 0 is continuously transmitted until a new sample is
available.
An example in daisy-chain mode, assuming DOUTx = 01, and
with three devices connected and a decimation rate of 256 in
high resolution mode, is as follows:
DCLKMIN_RATIO < 256/(8 × 3 × 4) = 2.66 = 2
The different ratios are summarized in Table 38.
Table 38. Available DCLK Ratios
DCLK_CLK_DIV (SPI Control Mode),
DCLKx (Pin Control Mode)
DCLKx Ratio
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
There are maximum achievable ODRs and minimum DCLKx
frequencies required for a given DOUTx pin configuration, as
shown in Table 39 and Table 40.
Table 39. Maximum ODRs and Minimum DCLKx
Frequencies in High Resolution Mode
Decimation
Rate
ODR
(kSPS)
Minimum DCLKx (kHz)
1 DOUTx
2 DOUTx
4 DOUTx
4095
0.500122
128
64
32
2048
1
256
128
64
1024
2
512
256
128
512
4
1024
512
256
256
8
2048
1024
512
128
16
4096
2048
1024
Table 40. Maximum ODRs and Minimum DCLK
Frequencies in Low Power Mode
Decimation
Rate
ODR
(kSPS)
Minimum DCLK (kHz)
1 DOUT
2 DOUT
4 DOUT
2048
0.25
64
32
16
1024
0.5
128
64
32
512
1
256
128
64
256
2
512
256
128
128
4
1024
512
256
If the AD7779 operates in SPI control mode, it is possible to
adjust the DOUTx strength, which can be selected in the
DOUT_DRIVE_STR bits, as described in Table 41.
Table 41. DOUTx Strength
GENERAL_USER_CONFIG2, Bits[2:1]
Mode
0
0
Nominal
0
1
Strong
1
0
Weak
1
1
Extra strong
SPI Interface
The SPI interfaces gives the user flexibility to read the
conversion from the -Δ ADC where the processor or
microcontroller is the master.
When a new conversion is completed, the DRDY signal is
toggled to indicate that data can be accessed. When DRDY
toggles, the internal channel counter is reset and the next SPI
read is from Channel 0 again. Conversely, after the last channel
data is read, all succeding reads before the next DRDY signal
are from Channel 7 (LSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com