Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 38 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD7779 Datasheet HTML 34Page - Analog Devices AD7779 Datasheet HTML 35Page - Analog Devices AD7779 Datasheet HTML 36Page - Analog Devices AD7779 Datasheet HTML 37Page - Analog Devices AD7779 Datasheet HTML 38Page - Analog Devices AD7779 Datasheet HTML 39Page - Analog Devices AD7779 Datasheet HTML 40Page - Analog Devices AD7779 Datasheet HTML 41Page - Analog Devices AD7779 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 38 of 97
Pin State
Decimation
Rate
Power Mode
PGA Gain Channel
Reference
Type
MODE3
MODE2
MODE1
MODE0
Channel 0 to
Channel 3
Channel 4 to
Channel 7
0
1
1
1
128
High resolution
1
4
External
1
0
0
0
512
High resolution
1
1
Internal
1
0
0
1
256
High resolution
1
1
Internal
1
0
1
0
128
High resolution
1
1
Internal
1
0
1
1
512
Low power
1
1
External
1
1
0
0
256
Low power
1
1
External
1
1
0
1
128
Low power
1
1
External
1
1
1
0
128
Low power
1
1
Internal
1
1
1
1
256
Low power
1
1
Internal
Table 19. DCLKx Selection for Pin Control Mode
State
DCLK2/SCLK
DCLK1/SDI
DCLK0/SDO
MCLK Divider
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
16
1
0
1
32
1
1
0
64
1
1
1
128
ADC
DATA
SERIAL
INTERFACE
SPI
CONTROL
INTERFACE
FPGA
OR
DSP
AVDD 3.3V
EXTERNAL
REFERENCE
AVSSx
AVSSx
AIN7+
AIN7–
AIN0+
AIN0–
PGA
VCM
AVDD1x
BUFFER
BUFFER
AD7779
DREGCAP
CONVST_SAR
MODE3
TO
MODE0
REFx+
REFx–
REF_OUT
AVDD4
AVSSx
AVSSx
AVDD2x
AVDD3.3V
AVDD3.3V
IOVDD 2V TO 3.6V
AVSSx
AREGxCAP
AVSSx
AVSSx
IOVDD
24-BIT
Σ-∆
ADC
SINC3/SRC
SYNC_IN
DRDY
SYNC_OUT
START
RESET
DCLK
CS
SCLK
SDO
CLK_SEL
XTAL2
DCLK2
TO
DCLK0
XTAL1
DOUT0
DOUT1
SPI/SPORT
SLAVE
INTERFACE
DOUT2
DOUT3
SPI
MASTER
INTERFACE
PGA
VCM
SDI
FORMAT1
AND
FORMAT0
CLOCK
SOURCE
Figure 97. Pin Mode Connection Diagram with External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com