Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 41Page - Texas Instruments TAS3002 Datasheet HTML 42Page - Texas Instruments TAS3002 Datasheet HTML 43Page - Texas Instruments TAS3002 Datasheet HTML 44Page - Texas Instruments TAS3002 Datasheet HTML 45Page - Texas Instruments TAS3002 Datasheet HTML 46Page - Texas Instruments TAS3002 Datasheet HTML 47Page - Texas Instruments TAS3002 Datasheet HTML 48Page - Texas Instruments TAS3002 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
7–5
Table 7–1. GPI Terminal Programming
GPI5
GPI4
GPI3
GPI2
GPI1
GPI0
VOL_UP, +1 dB
x
VOL_DN, –1 dB
x
BASS_UP, +1 dB
x
BASS_DN, –1 dB
x
TREB_UP, +1 dB
x
TREB_DN, –1 dB
x
Shift 1
x
x
Mute
x
EQ1
x
EQ2
x
EQ3
x
EQ4
x
EQ5
x
Shift 2
x
x
NOTE: x = Logic low
Initially (after reset), the TAS3002 GPI is set to control volume, bass, and treble. Simultaneously setting GPI bits 1
and 5 low for 1 second changes the function of the GPI terminals to control mute and equalization.
To return to volume, bass, and treble control, simultaneously set GPI terminals 2 and 3 low for 1 second.
When a GPI terminal is activated, the TAS3002 device echoes its function over I2C to a TAS3001 device mapped
to address 6Ah. Therefore, a system with two audio equalization chips can be implemented without the need for a
microcontroller.
7.6.2
GPI Architecture
The GPI provides simple but flexible input port to activate the input parameters. Each terminal input is an active logic
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com