Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 73 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments TAS3002 Datasheet HTML 69Page - Texas Instruments TAS3002 Datasheet HTML 70Page - Texas Instruments TAS3002 Datasheet HTML 71Page - Texas Instruments TAS3002 Datasheet HTML 72Page - Texas Instruments TAS3002 Datasheet HTML 73Page - Texas Instruments TAS3002 Datasheet HTML 74Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
A–13
A.8.4
Threshold
Table A–15 lists a range of threshold values from 0 dB to –89.625 dB in 0.75-dB decrements.
NOTE: The TAS3002 device is capable of 0.375-dB increments. The associated hexadecimal
value can be determined by interpolating between the existing hexadecimal values in
Table A–15.
Table A–15. Threshold Values
HEX
VALUE
dB
HEX
VALUE
dB
HEX
VALUE
dB
HEX
VALUE
dB
HEX
VALUE
dB
EF
0
BD
–18.75
8B
–37.50
59
–56.25
27
–75.00
ED
–0.75
BB
–19.50
89
–38.25
57
–57.00
25
–75.75
EB
–1.50
B9
–20.25
87
–39.00
55
–57.75
23
–76.50
E9
–2.25
B7
–21.00
85
–39.75
53
–58.50
21
–77.25
E7
–3.00
B5
–21.75
83
–40.50
51
–59.25
1F
–78.00
E5
–3.75
B3
–22.50
81
–41.25
4F
–60.00
1D
–78.75
E3
–4.50
B1
–23.25
7F
–42.00
4D
–60.75
1B
–79.50
E1
–5.25
AF
–24.00
7D
–42.75
4B
–61.50
19
–80.25
DF
–6.00
AD
–24.75
7B
–43.50
49
–62.25
17
–80.00
DD
–6.75
AB
–25.50
79
–44.25
47
–63.00
15
–81.75
DB
–7.50
A9
–26.25
77
–45.00
45
–63.75
13
–82.50
D9
–8.25
A7
–27.00
75
–45.75
43
–64.50
11
–83.25
D7
–9.00
A5
–27.75
73
–46.50
41
–65.25
0F
–84.00
D5
–9.75
A3
–28.50
71
–47.25
3F
–66.00
0D
–84.75
D3
–10.50
A1
–29.25
6F
–48.00
3D
–66.75
0B
–85.50
D1
–11.25
9F
–30.00
6D
–48.75
3B
–67.50
09
–86.25
CF
–12.00
9D
–30.75
6B
–49.50
39
–68.25
07
–87.00
CD
–12.75
9B
–31.50
69
–50.25
37
–69.00
05
–87.75
CB
–13.50
99
–32.25
67
–51.00
35
–69.75
03
–88.50
C9
–14.25
97
–33.00
65
–51.75
33
–70.50
01
–89.25
C7
–15.00
95
–33.75
63
–52.50
31
–71.25
00
–89.625
C5
–15.75
93
–34.50
61
–53.25
2F
–72.00
C3
–16.50
91
–35.25
5F
–54.00
2D
–72.75
C1
–17.25
8F
–36.00
5D
–54.75
2B
–73.50
BF
–18.00
8D
–36.75
5B
–55.50
29
–74.25
A.8.5
Time Constants
Use Table A–16 to program the attack time, the decay time, and the integration interval for energy level detection.
Level detection is performed by using an alpha filter at the input of the DRCE, which functions as an energy-level
detection block for the DRCE. The time constant for level detection can be thought of as an integration interval. Use
a time constant from Table A–16 as an integration interval for energy level detection.
Table A–16 lists the time constants used for integration interval for energy level detection, attack time constant, and
decay time constant. All values represent the time required to reach 63% of maximum value from zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com