Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 6Page - Texas Instruments TAS3002 Datasheet HTML 7Page - Texas Instruments TAS3002 Datasheet HTML 8Page - Texas Instruments TAS3002 Datasheet HTML 9Page - Texas Instruments TAS3002 Datasheet HTML 10Page - Texas Instruments TAS3002 Datasheet HTML 11Page - Texas Instruments TAS3002 Datasheet HTML 12Page - Texas Instruments TAS3002 Datasheet HTML 13Page - Texas Instruments TAS3002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
1–2
•
Two I2C-selectable, single-ended analog input stereo channels
•
Equalization bypass mode
•
Single 3.3-V power supply
•
Power down without reloading the coefficients
•
Sampling rates of 32 kHz, 44.1 kHz, or 48 kHz
•
Master clock frequency of 256fS or 512fS
•
Can have crystal input to replace MCLK. Crystal input frequency is 256fS.
•
Six GPI terminals for volume, bass, treble up/down control, mute, and selection of equalization filters
1.3
Functional Block Diagram
Figure 1–1 is a block diagram showing the major functions of the TAS3002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com