Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 68 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 64Page - Texas Instruments TAS3002 Datasheet HTML 65Page - Texas Instruments TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments TAS3002 Datasheet HTML 69Page - Texas Instruments TAS3002 Datasheet HTML 70Page - Texas Instruments TAS3002 Datasheet HTML 71Page - Texas Instruments TAS3002 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
A–8
A.5 Bass Control Register Command
Both left and right channels are given the same bass gain setting.
Device ID
Subaddress
B(7–0)
For example, if bass gain = 5 dB, then the command is:
68
06
2B
Table A–7 lists the possible gain adjustments in 0.5 dB increments across the range of bass control, 18 to –18 dB,
with the corresponding hexadecimal value for each gain adjustment.
Table A–7. Bass Control Register
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
18.0
01h
10.5
4Ch
3.0
6Ah
–4.5
7Bh
–12.0
8Ah
17.5
0Ah
10.0
4Fh
2.5
6Bh
–5.0
7Ch
–12.5
8Bh
17.0
11h
9.5
52h
2.0
6Dh
–5.5
7Dh
–13.0
8Ch
16.5
18h
9.0
55h
1.5
6Eh
–6.0
7Eh
–13.5
8Dh
16.0
1Eh
8.5
58h
1.0
6Fh
–6.5
7Fh
–14.0
8Eh
15.5
24h
8.0
5Bh
0.5
71h
–7.0
80h
–14.5
8Fh
15.0
29h
7.5
5Dh
0.0
72h
–7.5
81h
–15.0
90h
14.5
2Eh
7.0
5Fh
–0.5
73h
–8.0
82h
–15.5
91h
14.0
33h
6.5
61h
–1.0
74h
–8.5
83h
–16.0
92h
13.5
37h
6.0
62h
–1.5
75h
–9.0
84h
–16.5
93h
13.0
3Bh
5.5
63h
–2.0
76h
–9.5
85h
–17.0
94h
12.5
3Fh
5.0
65h
–2.5
77h
–10.0
86h
–17.5
95h
12.0
43h
4.5
66h
–3.0
78h
–10.5
87h
–18.0
96h
11.5
46h
4.0
67h
–3.5
79h
–11.0
88h
11.0
49h
3.5
69h
–4.0
7Ah
–11.5
89h
A.6 I2C Mixer Register Command
Device ID
Subaddress
Mixer1
Mixer2
ADC Mixer
For example, if SDIN1 Mix = +6dB, SDIN2 Mix = 0dB, and ADC Mix = Mute, then the command is:
Left
68
07
1F EC 98
10 00 00
00 00 00
Right
68
08
1F EC 98
10 00 00
00 00 00
Even if only one of the mixers needs to be changed, the whole command must be sent.
Table A–8 lists the possible gain settings for the I2C mixer input channels in 0.5 dB increments from 18 to –70 dB,
with the corresponding hexadecimal value for each gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com