Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 49Page - Texas Instruments TAS3002 Datasheet HTML 50Page - Texas Instruments TAS3002 Datasheet HTML 51Page - Texas Instruments TAS3002 Datasheet HTML 52Page - Texas Instruments TAS3002 Datasheet HTML 53Page - Texas Instruments TAS3002 Datasheet HTML 54Page - Texas Instruments TAS3002 Datasheet HTML 55Page - Texas Instruments TAS3002 Datasheet HTML 56Page - Texas Instruments TAS3002 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
8–3
0.002
–0.002
0.004
0.006
0.008
0
0
f – Frequency – Hz
0.1 fs
0.2 fs
0.3 fs
0.4 fs
0.5 fs
Figure 8–3. ADC Digital Filter Pass-Band Characteristics
–0.4
–1
–0.2
0
0.2
–0.6
–0.8
0
f – Frequency – Hz
1 fs
2 fs
3 fs
4 fs
Figure 8–4. ADC High-Pass Filter Characteristics
8.5
Analog-to-Digital Converter
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, fS = 48 kHz, 20-bit I2S mode
All terms characterized by frequency are scaled with the chosen sampling frequency, fS.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR (EIAJ)
A weighted
93
dB
Dynamic range
–60 dB, 1 kHz
88
dB
Signal to (noise + distortion) ratio
–1 dB, 1 kHz, 20 Hz to 20 kHz
82
dB
Power supply rejection ratio
1 kHz (see Note 3)
50
dB
Idle channel tone rejection
+110
dB
Intermodulation distortion
–80
dB
ADC crosstalk
–93
dB
Overall ADC frequency response
20 Hz to 20 kHz
±0.1
dB
Gain error
5%
Gain matching
±0.02
dB
NOTE 3: Measured with a 50-mV peak sine curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com