Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 21Page - Texas Instruments TAS3002 Datasheet HTML 22Page - Texas Instruments TAS3002 Datasheet HTML 23Page - Texas Instruments TAS3002 Datasheet HTML 24Page - Texas Instruments TAS3002 Datasheet HTML 25Page - Texas Instruments TAS3002 Datasheet HTML 26Page - Texas Instruments TAS3002 Datasheet HTML 27Page - Texas Instruments TAS3002 Datasheet HTML 28Page - Texas Instruments TAS3002 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
4–1
4 Audio Control/Enhancement Functions
4.1
Soft Volume Update
The TAS3002 device implements a TI proprietary soft volume update. This feature allows a smooth and
pleasant-sounding change from one volume level to another over the entire range of volume control (18 dB to mute).
The volume is adjustable by downloading a gain coefficient through the I2C interface in 4.16 format—4 bits for the
integer and 16 bits for the fractional part. Table A–5 lists the 4.16 coefficients converted into dB for the range of –70
dB to 18 dB with 0.5-dB step resolution.
Right and left channel volumes can be unganged and set to different values. This feature implements a balance
control.
Volume is changed by writing the desired value into the volume control registers. This is done by asserting the
volume-up or volume-down GPI terminal (see Section 7.6.1) for a limited range of volume control. Alternatively,
volume control settings can be sent to the TAS3002 device over the I2C bus.
4.2
Software Soft Mute
Soft mute is implemented by loading all zeros in the volume control register. This causes the volume to ramp down
over a duration of 2048fS samples to a final output of 0 (– infinity dB).
Soft mute can be enabled by either asserting the mute GPI terminal (see Section 7.6.1) or sending a mute command
over the I2C bus. Subsequent assertions of the mute GPI terminal toggle soft mute off and on.
4.3
Input Mixer Control
The TAS3002 device is capable of mixing and multiplexing three channels (SDIN1, SDIN2, and the ADC output) of
serial audio data. The mixing is controlled through three mixer control registers. This is accomplished by loading
values into the corresponding bytes of the mixer left gain (07h) and mixer right gain (08h) control registers. See
Figure 4–1 for a functional block diagram of the input mixer.
The values loaded into these registers are in 4.20 format—4 bits for the integer and 20 bits for the fractional part.
Table A–8 lists the 4.20 numbers converted into dB for the range of –70 dB to 18 dB, although any positive 4.20
number may be used.
To mute any of the channels, 0s are loaded into the respective mixer control register.
Mixer controls are updated instantly and can cause audible artifacts for large changes in setting when updated
dynamically outside of the fast load mode; therefore, it is desirable to use fast load in conjunction with the soft-volume
mode.
SDIN1, SDIN2, and the ADC output can be mixed with a user-selectable gain for each channel. The gain control
registers are represented in 4.20 format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com