Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 52 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 48Page - Texas Instruments TAS3002 Datasheet HTML 49Page - Texas Instruments TAS3002 Datasheet HTML 50Page - Texas Instruments TAS3002 Datasheet HTML 51Page - Texas Instruments TAS3002 Datasheet HTML 52Page - Texas Instruments TAS3002 Datasheet HTML 53Page - Texas Instruments TAS3002 Datasheet HTML 54Page - Texas Instruments TAS3002 Datasheet HTML 55Page - Texas Instruments TAS3002 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
8–2
8.4
ADC Digital Filter
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, fS = 48 kHz, 20-bit I2S mode
All terms characterized by frequency are scaled with the chosen sampling frequency, fS. See Figure 8–1 through
Figure 8–4 for performance curves of the ADC digital filter.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC decimation filter (LPF)
Pass band
0.0
20.0
kHz
()
Pass band ripple
±0.01
dB
Stop band
24.1
kHz
Stop band attenuation
80
dB
Group delay
720
µs
ADC high-pass filter (HPF)
Pass band (–3 dB)
0.87
Hz
g(
)
Deviation from linear phase
20 Hz to 20 kHz
1.23
degrees
–150
–200
–50
0
50
–100
f – Frequency – Hz
02 fs
4 fs
6 fs
8 fs
10 fs
12 fs
Figure 8–1. ADC Digital Filter Characteristics
–60
–100
–40
–20
0
–80
0
f – Frequency – Hz
0.2 fs
0.4 fs
0.6 fs
0.8 fs
1 fs
Figure 8–2. ADC Digital Filter Stop-Band Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com