Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 62 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 58Page - Texas Instruments TAS3002 Datasheet HTML 59Page - Texas Instruments TAS3002 Datasheet HTML 60Page - Texas Instruments TAS3002 Datasheet HTML 61Page - Texas Instruments TAS3002 Datasheet HTML 62Page - Texas Instruments TAS3002 Datasheet HTML 63Page - Texas Instruments TAS3002 Datasheet HTML 64Page - Texas Instruments TAS3002 Datasheet HTML 65Page - Texas Instruments TAS3002 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
A–2
Table A–1. I2C Register Map (Continued)
REGISTER
ADDRESS
NUMBER OF
BYTES
BYTE DESCRIPTION
Left biquad 5
0Fh
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Left biquad 6
10h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Reserved
11h
Reserved
12h
Right biquad 0
13h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Right biquad 1
14h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Right biquad 2
15h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Right biquad 3
16h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Right biquad 4
17h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Right biquad 5
18h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Right biquad 6
19h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Reserved
20h
Left loudness
biquad
21h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com