Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 44Page - Texas Instruments TAS3002 Datasheet HTML 45Page - Texas Instruments TAS3002 Datasheet HTML 46Page - Texas Instruments TAS3002 Datasheet HTML 47Page - Texas Instruments TAS3002 Datasheet HTML 48Page - Texas Instruments TAS3002 Datasheet HTML 49Page - Texas Instruments TAS3002 Datasheet HTML 50Page - Texas Instruments TAS3002 Datasheet HTML 51Page - Texas Instruments TAS3002 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
7–8
Table 7–3. 512-Byte EEPROM Memory Map 2.1 Channels (with TAS3001)
ADDRESS
BYTE NUMBER
FUNCTION
000h
1
Signature (2Ah)
001h
1
ID byte = 0000 0011
TAS3002
002h
1
MCR
003h–00Bh
9
Mixer left gain
00Ch–014h
9
Mixer right gain
015h–01Ah
6
DRC (ratio, threshold, energy
α, attackα, decayα)
01Bh
1
Bass
01Ch
1
Treble
01Dh–022h
6
Volume
031h–03Fh
15
Biquad 0
040h–04Eh
15
Biquad 1
04Fh–05Dh
15
Biquad 2
TAS3002
05Eh–06Ch
15
Biquad 3
TAS3002
right and left
06Dh–07Bh
15
Biquad 4
right and left
channel
07Ch–08Ah
15
Biquad 5
08Bh–099h
15
Biquad 6
09Ah
1
0 dB/bass
09Bh
1
0 dB/treble
09Ch–0A1h
6
Bass break
0A2h–0A7h
6
Treble break
0A8h–110h
105
Bass delta
111h–179h
105
Treble delta
17Ah–17Fh
6
Bass set point
180h–185h
6
Treble set point
186h–194h
15
Biquad 0
195h–1A3h
15
Biquad 1
1A4h–1B2h
15
Biquad 2
TAS3001
1B3h–1C1h
15
Biquad 3
TAS3001
right and left
1C2h–1D0h
15
Biquad 4
right and left
channel
1D1h–1DFh
15
Biquad 5
1E0h–1EEh
15
Biquad 6
TAS3001
1EFh
1
MCR
1F0h–1F2h
3
SDIN1 gain
1F3h–1F5h
3
SDIN2 gain
1F6h–1F7h
2
DRC (ratio, threshold, energy
α, attackα, decayα)
1F8h
1
Bass
1F9h
1
Treble
1FAh–1FFh
6
Volume
NOTE: In this mode, the TAS3002 and the TAS3001 devices both use the same equalization coefficients for their right and left channels.
Bytes are in the same order as they appear in the I2C register map. The EEPROM address is A0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com