Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 71 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments TAS3002 Datasheet HTML 69Page - Texas Instruments TAS3002 Datasheet HTML 70Page - Texas Instruments TAS3002 Datasheet HTML 71Page - Texas Instruments TAS3002 Datasheet HTML 72Page - Texas Instruments TAS3002 Datasheet HTML 73Page - Texas Instruments TAS3002 Datasheet HTML 74Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
A–11
A.8.2
Above-Threshold Ratios
The above threshold ratios are applied when the energy level of the incoming signal is detected anywhere between
the threshold (from Table A–15) and 0 dB. See Figure A–1.
0 dB
Output (dB)
–89.625 dB
Threshold
0 dB
Compression
Input (dB)
–89.625 dB
Ratio = 1:1
Expansion
Below Threshold
Above Threshold
Figure A–1. TAS3002 DRCE Characteristics in the dB Domain
Table A–11. Above-Threshold Ratios for Compression
HEXADECIMAL VALUE
RATIO (IN:OUT)
02
1.00 : 1
08
1.07 : 1
10
1.14 : 1
18
1.23 : 1
20
1.33 : 1
28
1.45 : 1
30
1.60 : 1
38
1.78 : 1
40
2.00 : 1
48
2.29 : 1
50
2.67 : 1
58
3.20 : 1
60
4.00 : 1
68
5.33 : 1
70
8.00 : 1
78
16.0 : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com