Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 32Page - Texas Instruments TAS3002 Datasheet HTML 33Page - Texas Instruments TAS3002 Datasheet HTML 34Page - Texas Instruments TAS3002 Datasheet HTML 35Page - Texas Instruments TAS3002 Datasheet HTML 36Page - Texas Instruments TAS3002 Datasheet HTML 37Page - Texas Instruments TAS3002 Datasheet HTML 38Page - Texas Instruments TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
6–2
Table 6–1 lists the definitions used by the I2C protocol.
Table 6–1. I2C Protocol Definitions
DEFINITION
DESCRIPTION
Transmitter
The device that sends data
Receiver
The device that receives data
Master
The device that initiates a transfer, generates clock signals, and terminates the transfer
Slave
The device addressed by the master
Multimaster
More than one master can attempt to control the bus at the same time without corrupting the message.
Arbitration
Procedure to ensure the message is not corrupted when two masters attempt to control the bus.
Synchronization
Procedure to synchronize the clock signals of two or more devices
6.3
Operation
The 7-bit address for the TAS3002 device is 0110 10X R/W where X is a programmable address bit, set by terminal 7
(CS1). Combining CS1 and the R/W bit, the TAS3002 device can respond to four different I2C addresses (two read
and two write). These two addresses are licensed I2C addresses that do not conflict with other licensed I2C audio
devices. In addition to the 7-bit device address, subaddresses direct communication to the proper memory location
within the device. A complete table of subaddresses and control registers is provided in Appendix A. For example,
to change bass to 10-dB gain, Section 6.3.1 shows the data that is written to the I2C port:
Table 6–2. I2C Address Byte Table
I2C ADDRESS BYTE
A6–A1
CS1 (A0)
R/W
68h
011010
0
0
69h
011010
0
1
6Ah
011010
1
0
6Bh
011010
1
1
6.3.1
Write Cycle Example
Start
Slave Address
R/W
A
Subaddress
A
Data
A
Stop
FUNCTION
DESCRIPTION
Start
Start condition as defined in I2C
Slave address
0110100 (CS1 = 0)
R/W
0 (write)
A
Acknowledgement as defined in I2C (slave)
Subaddress (treble control register)
0000 0101
Data (0 dB gain)
0111 0010
Stop
Stop condition as defined in I2C
NOTE: Table is for serial data (SDA); serial clock (SCL) is not shown but conditions apply as well.
Whenever writing to a subaddress, the correct number of data bytes must follow in order to complete the write cycle.
For example, if the volume control register with subaddress 04h is written to, six bytes of data must follow; otherwise,
the cycle is incomplete and errors occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com