Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 66 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 62Page - Texas Instruments TAS3002 Datasheet HTML 63Page - Texas Instruments TAS3002 Datasheet HTML 64Page - Texas Instruments TAS3002 Datasheet HTML 65Page - Texas Instruments TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments TAS3002 Datasheet HTML 69Page - Texas Instruments TAS3002 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
A–6
A.3 Volume Gain Command
Device ID
Subaddress
VL(23–16)
VL(15–8)
VL(7–0)
VR(23–16)
VR(15–8)
VR(7–0)
For example, if left volume = 6 dB and right volume = –6 dB, then the command is:
68
04
01
FE
CA
00
80
4E
Table A–5 lists the possible gains for the volume gain command in 0.5 dB increments from 18 to –70 dB, with the
corresponding hexadecimal value for each gain.
Table A–5. Volume Versus Gain Values
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
18.0
07, F1, 7B
3.0
01, 69, 9C
–12.0
00, 40, 4E
–27.0
00, 0B, 6F
–42.0
00, 02, 09
17.5
07, 7F, BB
2.5
01, 55, 62
–12.5
00, 3C, B5
–27.5
00, 0A, CC
–42.5
00, 01, EB
17.0
07, 14, 57
2.0
01, 42, 49
–13.0
00, 39, 50
–28.0
00, 0A, 31
–43.0
00, 01, D0
16.5
06, AE, F6
1.5
01, 30, 42
–13.5
00, 36, 1B
–28.5
00, 09, 9F
–43.5
00, 01, B6
16.0
06, 4F, 40
1.0
01, 1F, 3D
–14.0
00, 33, 14
–29.0
00, 09, 15
–44.0
00, 01, 9E
15.5
05, F4, E5
0.5
01, 0F, 2B
–14.5
00, 30, 39
–29.5
00, 08, 93
–44.5
00, 01, 86
15.0
05, 9F, 98
0.0
01, 00, 00
–15.0
00, 2D, 86
–30.0
00, 08, 18
–45.0
00, 01, 71
14.5
05, 4F, 10
–0.5
00, F1, AE
–15.5
00, 2A, FA
–30.5
00, 07, A5
–45.5
00, 01, 5C
14.0
05, 03, 0A
–1.0
00, E4, 29
–16.0
00, 28, 93
–31.0
00, 07, 37
–46.0
00, 01, 48
13.5
04, BB, 44
–1.5
00, D7, 66
–16.5
00, 26, 4E
–31.5
00, 06, D0
–46.5
00, 01, 36
13.0
04, 77, 83
–2.0
00, CB, 59
–17.0
00, 24, 29
–32.0
00, 06, 6E
–47.0
00, 01, 25
12.5
04, 37, 8B
–2.5
00, BF, F9
–17.5
00, 22, 23
–32.5
00, 06, 12
–47.5
00, 01, 14
12.0
03, FB, 28
–3.0
00, B5, 3C
–18.0
00, 20, 3A
–33.0
00, 05, BB
–48.0
00, 01, 05
11.5
03, C2, 25
–3.5
00, AB, 19
–18.5
00, 1E, 6D
–33.5
00, 05, 69
–48.5
00, 00, F6
11.0
03, 8C, 53
–4.0
00, A1, 86
–19.0
00, 1C, B9
–34.0
00, 05, 1C
–49.0
00, 00, E9
10.5
03, 59, 83
–4.5
00, 98, 7D
–19.5
00, 1B, 1E
–34.5
00, 04, D2
–49.5
00, 00, DC
10.0
03, 29, 8B
–5.0
00, 8F, F6
–20.0
00, 19, 9A
–35.0
00, 04, 8D
–50.0
00, 00, CF
9.5
02, FC, 42
–5.5
00, 87, E8
–20.5
00, 18, 2B
–35.5
00, 04, 4C
–50.5
00, 00, C4
9.0
02, D1, 82
–6.0
00, 80, 4E
–21.0
00, 16, D1
–36.0
00, 04, 0F
–51.0
00, 00, B9
8.5
02, A9, 25
–6.5
00, 79, 20
–21.5
00, 15, 8A
–36.5
00, 03, D5
–51.5
00, 00, AE
8.0
02, 83, 0B
–7.0
00, 72, 5A
–22.0
00, 14, 56
–37.0
00, 03, 9E
–52.0
00, 00, A5
7.5
02, 5F, 12
–7.5
00, 6B, F4
–22.5
00, 13, 33
–37.5
00, 03, 6A
–52.5
00, 00, 9B
7.0
02, 3D, 1D
–8.0
00, 65, EA
–23.0
00, 12, 20
–38.0
00, 03, 39
–53.0
00, 00, 93
6.5
02, 1D, 0E
–8.5
00, 60, 37
–23.5
00, 11, 1C
–38.5
00, 03, 0B
–53.5
00, 00, 8B
6.0
01, FE, CA
–9.0
00, 5A, D5
–24.0
00, 10, 27
–39.0
00, 02, DF
–54.0
00, 00, 83
5.5
01, E2, 37
–9.5
00, 55, C0
–24.5
00, 0F, 40
–39.5
00, 02, B6
–54.5
00, 00, 7B
5.0
01, C7, 3D
–10.0
00, 50, F4
–25.0
00, 0E, 65
–40.0
00, 02, 8F
–55.0
00, 00, 75
4.5
01, AD, C6
–10.5
00, 4C, 6D
–25.5
00, 0D, 97
–40.5
00, 02, 6B
–55.5
00, 00, 6E
4.0
01, 95, BC
–11.0
00, 48, 27
–26.0
00, 0C, D5
–41.0
00, 02, 48
–56.0
00, 00, 68
3.5
01, 7F, 09
–11.5
00, 44, 1D
–26.5
00, 0C, 1D
–41.5
00, 02, 27
–56.5
00, 00, 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com