Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 56 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 52Page - Texas Instruments TAS3002 Datasheet HTML 53Page - Texas Instruments TAS3002 Datasheet HTML 54Page - Texas Instruments TAS3002 Datasheet HTML 55Page - Texas Instruments TAS3002 Datasheet HTML 56Page - Texas Instruments TAS3002 Datasheet HTML 57Page - Texas Instruments TAS3002 Datasheet HTML 58Page - Texas Instruments TAS3002 Datasheet HTML 59Page - Texas Instruments TAS3002 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
8–6
8.10 I2C Serial Port Timing Characteristics
MIN
MAX
UNIT
f(SCL)
SCL clock frequency
0
100
kHz
t(buf)
Bus free time between start and stop
4.7
µs
t(low)
Low period of SCL clock
4.7
µs
t(high)
High period of SCL clock
4.0
µs
th(sta)
Hold time repeated start
4.0
µs
tsu(sta) Setup time repeated start
4.7
20
µs
th(dat)
Data hold time (See Note 6)
0
µs
tsu(dat) Data setup time
250
ns
tr
Rise time for SDA and SCL
1000
ns
tf
Fall time for SDA and SCL
300
ns
tsu(sto) Setup time for stop condition
4.0
µs
C(b)
Capacitive load for each bus line
400
pF
NOTE 6: A device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of
SCL.
SDA
PS
Valid
Change
of Data
Allowed
P
SCL
t(buf)
th(sta)
tr
th(dat)
tf
th(sta)
tsu(dat)
tsu(sta)
tsu(sto)
Data
Line
Stable
NOTE: t(low) is measured from the end of tf to the beginning of tr.
t(high) is measured from the end of tr to the beginning of tf.
Figure 8–7. I2C Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com