Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 70 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments TAS3002 Datasheet HTML 69Page - Texas Instruments TAS3002 Datasheet HTML 70Page - Texas Instruments TAS3002 Datasheet HTML 71Page - Texas Instruments TAS3002 Datasheet HTML 72Page - Texas Instruments TAS3002 Datasheet HTML 73Page - Texas Instruments TAS3002 Datasheet HTML 74Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
A–10
A.7 Programming Instruction for the Loudness Contour
Device ID
Subaddress
B0(23–0)
B1(23–0)
B2(23–0)
A1(23–0)
A2(23–0)
For example:
Left Loudness Biquad
68
21
001A82
000000
FFE57E
E03550
0FCABB
Right Loudness Biquad
68
22
001A82
000000
FFE57E
E03550
0FCABB
Left Loudness Biquad Gain
Sub
G(23–0)
68
23
04C6D0
Right Loudness Biquad Gain
68
24
04C6D0
A.8 Examples of Dynamic Range Compression/Expansion (DRCE)
Table A–9. Example of a DRCE I2C Instruction With DRCE On
BYTE
NUMBER
INSTRUCTION
(HEX)
INSTRUCTION DEFINITION
TABLE
1
68
TAS3002 device identification
2
02
DRC subaddress
3
68
Above-threshold ratio of 5.33:1 with DRCE on
See Table A–11 and Table A–12
4
22
Below-threshold ratio of 1.33:1
See Table A–13 and Table A–14
5
9F
Threshold of –30 dB
See Table A–15
6
B0
Integration interval for energy level detection of 212 ms
See Table A–16
7
60
Attack time constant 6.7 ms
8
A0
Decay time constant 106 ms
A.8.1
DRCE On/Off
The DRCE default mode in the TAS3002 device is off.
The DRCE turns on if all eight bytes in Table A–9 are transmitted and the LSB of the above-threshold ratio byte is
0.
The DRCE turns off if all eight bytes in Table A–10 are transmitted and the LSB of the above-threshold ratio byte is
1. Table A–10 is identical to Table A–9 except for this third byte.
Table A–10. Example of a DRCE I2C Instruction With DRCE Off
BYTE
NUMBER
INSTRUCTION
(HEX)
INSTRUCTION DEFINITION
TABLE
1
68
TAS3002 device identification
2
02
DRC subaddress
3
69
Above threshold ratio of 5.33:1 with DRCE off
See Table A–11 and Table A–12
4
22
Below threshold ratio of 1.33:1
See Table A–13 and Table A–14
5
9F
Threshold of –30 dB
See Table A–15
6
B0
Integration interval for energy level detection of 212 ms
See Table A–16
7
60
Attack time constant 6.7 ms
8
A0
Decay time constant 106 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com