Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 64 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 60Page - Texas Instruments TAS3002 Datasheet HTML 61Page - Texas Instruments TAS3002 Datasheet HTML 62Page - Texas Instruments TAS3002 Datasheet HTML 63Page - Texas Instruments TAS3002 Datasheet HTML 64Page - Texas Instruments TAS3002 Datasheet HTML 65Page - Texas Instruments TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
A–4
A.2.2
Main Control Register 2
MCR2 43h
C2(7)
C2(6)
C2(5)
C2(4)
C2(3)
C2(2)
C2(1)
C2(0)
DL
XX
XX
XX
XX
XX
AP
XX
1
0
0
0
0
0
1
0
Table A–3 lists the bit fields making up main control register 2 and defines the function associated with each bit field.
Table A–3. Main Control Register 2 Description
REGISTER
DESCRIPTOR
FUNCTION
VALUE
DESCRIPTION
C2(7)
DL
Bass and treble
0
Normal operation mode
()
load
1
Downloaded values
C2(6)
XX
Reserved
0
()
1
C2(5)
XX
Reserved
0
()
1
C2(4)
XX
Reserved
0
()
1
C2(3)
XX
Reserved
0
()
1
C2(2)
XX
Reserved
0
()
1
C2(1)
AP
AllPass mode
0
Normal operation
()
1
Sets equalization filters to all pass
C2(0)
XX
Reserved
0
()
1
A.2.3
Analog Control Register
ANA 40h
A(7)
A(6)
A(5)
A(4)
A(3)
A(2)
A(1)
A(0)
XX
XX
XX
XX
DM1
DM0
INP
APD
0
0
0
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com