Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 54 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 50Page - Texas Instruments TAS3002 Datasheet HTML 51Page - Texas Instruments TAS3002 Datasheet HTML 52Page - Texas Instruments TAS3002 Datasheet HTML 53Page - Texas Instruments TAS3002 Datasheet HTML 54Page - Texas Instruments TAS3002 Datasheet HTML 55Page - Texas Instruments TAS3002 Datasheet HTML 56Page - Texas Instruments TAS3002 Datasheet HTML 57Page - Texas Instruments TAS3002 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
8–4
8.6
Input Multiplexer
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, fS = 48 kHz, 20-bit I2S mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input impedance
20
k
Ω
Crosstalk
85
dB
Full-scale input voltage range
1.7
VPP
8.7
DAC Interpolation Filter
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, fS = 48 kHz, 20-bit I2S mode
All terms characterized by frequency are scaled with the normal mode sampling frequency, fS. See Figure 8–5 and
Figure 8–6 for performance curves of the DAC digital filter.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass band
0.0
20.0
kHz
Pass-band ripple
±0.005
dB
Stop band
24.1
kHz
Stop-band attenuation
28.8 kHz to 3 MHz
75
dB
Group delay
700
µs
–60
–100
–40
–20
f – Frequency – Hz
0
–80
R
0fs/2
1 fs
2 fs
3 fs
4 fs
5 fs
Figure 8–5. DAC Filter Overall Frequency Characteristics
–0.1
0
0.05
0.1
–0.05
0
f – Frequency – Hz
0.1 fs
0.2 fs
0.3 fs
0.4 fs
0.5 fs
Figure 8–6. DAC Digital Filter Pass-Band Ripple Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com