Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 74 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments TAS3002 Datasheet HTML 69Page - Texas Instruments TAS3002 Datasheet HTML 70Page - Texas Instruments TAS3002 Datasheet HTML 71Page - Texas Instruments TAS3002 Datasheet HTML 72Page - Texas Instruments TAS3002 Datasheet HTML 73Page - Texas Instruments TAS3002 Datasheet HTML 74Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 74 / 74 page
background image
A–14
Table A–16. Time Constants
HEXADECIMAL VALUE
TIME DELAY
40
1.7 ms
50
3.5 ms
60
6.7 ms
70
13 ms
80
26 ms
90
53 ms
A0
106 ms
B0
212 ms
C0
425 ms
D0
850 ms
E0
1.7 s
F0
2.4 s
A.8.6
DRCE Example With Threshold at –12 dB
From the DRCE example shown in Figure A–2, the threshold is set at –12 dB. The input energy, E, has a value of
–6 dB.
Output (dB) = [T(dB) + ( E(dB) – T(dB) )
× (1/CR)]
= [–12 + (–6 – (–12))
× (1/3)] dB
= –12 + 2 = –10 dB
Where:
CR = Compression Ratio
T = Threshold (dB)
E = Energy estimate of current input
Note: Energy of sine wave is approximately 3 dB lower than peak.
0 dB
Output (dB)
Threshold = –12 dB
Threshold = –12 dB
0 dB
Final Output = –10 dB
Input (dB)
E = –6 dB
3:1 Above Threshold
Ratio for Compression
1:1 Below Threshold
Ratio for Compression
Figure A–2. DRCE Example With Threshold at –12 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com