Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 31 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 27Page - Texas Instruments TAS3002 Datasheet HTML 28Page - Texas Instruments TAS3002 Datasheet HTML 29Page - Texas Instruments TAS3002 Datasheet HTML 30Page - Texas Instruments TAS3002 Datasheet HTML 31Page - Texas Instruments TAS3002 Datasheet HTML 32Page - Texas Instruments TAS3002 Datasheet HTML 33Page - Texas Instruments TAS3002 Datasheet HTML 34Page - Texas Instruments TAS3002 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
4–7
4.12 Main Control Register 1 (01h)
The TAS3002 device contains two main control registers: main control register 1 (MCR1) and main control register 2
(MCR2). The MCR1 register contains the bits associated with load speed, SCLK frequency, serial-port mode, and
serial-port word length. It is accessed via I2C with the address 01h.
MCR1 (01h)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Type
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Default
1
X
X
X
X
X
X
X
Table 4–2. Main Control Register 1 Description
BIT
FIELD NAME
TYPE
DESCRIPTION
7
FL
R/W
Fast load
0 = Normal operation mode
1 = Fast -load mode (default)
6
SC
R/W
SCLK frequency
0 = SCLK is 32 fS.
1 = SCLK is 64 fS.
5–4
E
R/W
Serial port mode
00 = Left justified
01 = Right justified
10 = I2S
11 = Reserved
3–2
Reserved
R
Reserved
1–0
W
R/W
Serial port word length
00 = 16-bit
01 = 18-bit
10 = 20-bit
11 = 24-bit
4.13 Main Control Register 2 (43h)
The TAS3002 device contains two main control registers: main control register 1 (MCR1) and main control register 2
(MCR2). The MCR2 register contains the bits associated with the AllPass function and the download of bass and
treble control information, and it is accessed via I2C with the address 43h.
MCR2 (43h)
Bit
7
6
5
4
3
2
1
0
Type
R/W
R
R
R
R
R
R/W
R
Default
0
0
0
x
x
x
0
0
Table 4–3. Main Control Register 2 Description
BIT
FIELD NAME
TYPE
DESCRIPTION
7
Reserved
R/W
0 = Normal operation (initial condition after reset)
1 = Download bass and treble
6–5
Reserved
R
Reserved. Bits 6 and 5 return 0s when read.
4–2
Reserved
R
Undefined.
1
DM(1–0)
R/W
0 = Normal operation (initial condition after reset)
1 = AllPass mode (bass and treble are still functional)
0
INP
R
Reserved. Bit 0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com