Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 67 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 63Page - Texas Instruments TAS3002 Datasheet HTML 64Page - Texas Instruments TAS3002 Datasheet HTML 65Page - Texas Instruments TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments TAS3002 Datasheet HTML 68Page - Texas Instruments TAS3002 Datasheet HTML 69Page - Texas Instruments TAS3002 Datasheet HTML 70Page - Texas Instruments TAS3002 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
A–7
Table A–5. Volume Versus Gain Values (Continued)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
–57.0
00, 00, 5D
–60.0
00, 00, 42
–63.0
00, 00, 2E
–66.0
00, 00, 21
–69.0
00, 00, 17
–57.5
00, 00, 57
–60.5
00, 00, 3E
–63.5
00, 00, 2C
–66.5
00, 00, 1F
–69.5
00, 00, 16
–58.0
00, 00, 53
–61.0
00, 00, 3A
–64.0
00, 00, 29
–67.0
00, 00, 1D
–70.0
00, 00, 15
–58.5
00, 00, 4E
–61.5
00, 00, 37
–64.5
00, 00, 27
–67.5
00, 00, 1C
mute
00, 00, 00
–59.0
00, 00, 4A
–62.0
00, 00, 34
–65.0
00, 00, 25
–68.0
00, 00, 1A
–59.5
00, 00, 45
–62.5
00, 00, 31
–65.5
00, 00, 23
–68.5
00, 00, 19
A.4 Treble Control Register Command
Both left and right channels are given the same treble gain setting.
Device ID
Subaddress
T(7–0)
For example, if treble gain = 5 dB, then the command is:
68
05
65
Table A–6 lists the possible gain adjustments in 0.5 dB increments across the range of treble control, 18 to –18 dB,
with the corresponding hexadecimal value for each gain adjustment.
Table A–6. Treble Control Register
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
18.0
01h
10.5
4Ah
3.0
6Bh
–4.5
7Bh
–12.0
8Ah
17.5
01h
10.0
4Dh
2.5
6Ch
–5.0
7Ch
–12.5
8Bh
17.0
04h
9.5
51h
2.0
6Dh
–5.5
7Dh
–13.0
8Ch
16.5
08h
9.0
53h
1.5
3Fh
–6.0
7Eh
–13.5
8Dh
16.0
13h
8.5
56h
1.0
70h
–6.5
7Fh
–14.0
8Eh
15.5
1Ah
8.0
59h
0.5
71h
–7.0
80h
–14.5
8Fh
15.0
20h
7.5
5Bh
0.0
72h
–7.5
81h
–15.0
90h
14.5
26h
7.0
5Dh
–0.5
73h
–8.0
82h
–15.5
91h
14.0
2Ch
6.5
60h
–1.0
74h
–8.5
83h
–16.0
92h
13.5
31h
6.0
62h
–1.5
75h
–9.0
84h
–16.5
93h
13.0
36h
5.5
63h
–2.0
76h
–9.5
85h
–17.0
94h
12.5
3Bh
5.0
65h
–2.5
77h
–10.0
86h
–17.5
95h
12.0
3Fh
4.5
67h
–3.0
78h
–10.5
87h
–18.0
96h
11.5
43h
4.0
68h
–3.5
79h
–11.0
88h
11.0
47h
3.5
69h
–4.0
7Ah
–11.5
89h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com