Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 38 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 34Page - Texas Instruments TAS3002 Datasheet HTML 35Page - Texas Instruments TAS3002 Datasheet HTML 36Page - Texas Instruments TAS3002 Datasheet HTML 37Page - Texas Instruments TAS3002 Datasheet HTML 38Page - Texas Instruments TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments TAS3002 Datasheet HTML 41Page - Texas Instruments TAS3002 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
6–4
Table 6–3 gives typical values of the wait states that can be expected with the various functions of the part:
Table 6–3. I2C Wait States
SYSTEM SAMPLING FREQUENCY
32 kHz
44.1 kHz
48 kHz
Comment
Volume
62 ms
49 ms
41 ms
Not dependent on size of change
Bass
231 ms
167 ms
153 ms
0 to –18 dB
Treble
231 ms
167 ms
153 ms
0 to –18 dB
DRC on
300
µs
300
µs
300
µs
Mixer
None
None
None
Loudness
None
None
None
Equalization
15 ms
190
µs
300
µs
Can occur with each filter
6.4
SMBus Operation
The TAS3002 device supports a subset of the SMBus protocol. With proper programming techniques, it is possible
to use the SMBus to set up the TAS3002 device.
6.4.1
Block Write Protocol
The TAS3002 device supports the block write protocol that allows up to 32 bytes to be sent as a block. To send a
command using this format, the most significant bit (MSB) of the TAS3002 subaddress must be set high and the
subaddress (also with MSB set high) must be programmed into the SMBus command byte. This operation signals
the TAS3002 device that the next byte is the SMBus byte-count byte. The next byte after the byte count is then entered
into the device as the first byte of data.
SMBus
Command Byte
68h
8rh
xx
dd
dd
dd
TAS3002
Address
Subaddress
(r = subaddress)
Byte Count
(Don’t Care)
Data
Data
Data
6.4.2
Write Byte Protocol
The TAS3002 device also supports the SMBus write byte protocol. Writing to the main control register (MCR), bass,
and treble registers requires using the byte write protocol. To send a command using this protocol, the most significant
bit (MSB) of the TAS3002 subaddress must be set high and the subaddress (also with MSB set high) must be
programmed into the SMBus command byte. The next byte after the command byte is then entered into the device
as the first byte of data.
SMBus
Command Byte
68h
8rh
dd
TAS3002
Address
Subaddress
(r = subaddress)
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com