Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 50 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 46Page - Texas Instruments TAS3002 Datasheet HTML 47Page - Texas Instruments TAS3002 Datasheet HTML 48Page - Texas Instruments TAS3002 Datasheet HTML 49Page - Texas Instruments TAS3002 Datasheet HTML 50Page - Texas Instruments TAS3002 Datasheet HTML 51Page - Texas Instruments TAS3002 Datasheet HTML 52Page - Texas Instruments TAS3002 Datasheet HTML 53Page - Texas Instruments TAS3002 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
7–10
Table 7–5. 2048-Byte EEPROM Memory Map—2.1 Speakers With Multiple Equalizations
TAS3002 ADDRESS
NUMBER
OF BYTES
FUNCTION
CATEGORY
TAS3001 ADDRESS
LEFT CHANNEL
TAS3001 ADDRESS
RIGHT CHANNEL
000h
1
Signature (2Ah)
001h
1
1
0
0
0
0
0
0
1
002h
1
MCR
1EFh
003h–00Bh
9/3
Mixer left gain
1F0h–1F2h
00Ch–014h
9/3
Mixer right gain
1F3h–1F5h
015h–019h
6/2
DRC (ratio, threshold, energy
α, attackα, decayα)
1F6h–1F7h
01Ah
1
Bass
1F8h
01Bh
1
Treble
1F9h
01Ch–021h
6
Volume
1FAh–1FFh
031h–03Fh
15
Biquad 0
186h–194h
3A4h–3B2h
040h–04Eh
15
Biquad 1
195h–1A3h
3B3h–3C1h
04Fh–05Dh
15
Biquad 2
1A4h–1B2h
3C2h–3D0h
05Eh–06Ch
15
Biquad 3
Set 0
1B3h–1C1h
3D1h–3DFh
06Dh–07Bh
15
Biquad 4
Set 0
1C2h–1D0h
3E0h–3EEh
07Ch–08Ah
15
Biquad 5
1D1h–1DFh
3EFh–3FDh
08Bh–099h
15
Biquad 6
1E0h–1EEh
3FEh–40Ch
09Ah–185h
236
Bass treble table
200h–20Eh
15
Biquad 0
5B1h–5BFh
40Dh–41Bh
20Fh–21Dh
15
Biquad 1
5C0h–5CEh
41Ch–42Ah
21Eh–22Ch
15
Biquad 2
5CFh–5DDh
42Bh–439h
22Dh–23Bh
15
Biquad 3
Set 1
5DEh–5ECh
43Ah–448h
23Ch–24Ah
15
Biquad 4
Set 1
5EDh–5FBh
449h–457h
24Bh–259h
15
Biquad 5
5FCh–60Ah
458h–466h
25Ah–268h
15
Biquad 6
60Bh–619h
467h–475h
269h–277h
15
Biquad 0
61Ah–628h
476h–484h
278h–286h
15
Biquad 1
629h–637h
485h–493h
287h–295h
15
Biquad 2
638h–646h
494h–4A2h
296h–2A4h
15
Biquad 3
Set 2
647h–655h
4A3h–4B1h
2A5h–2B3h
15
Biquad 4
Set 2
656h–664h
4B2h–4C0h
2B4h–2C2h
15
Biquad 5
665h–673h
4C1h–4CFh
2C3h–2D1h
15
Biquad 6
674h–682h
4D0h–4DEh
2D2h–2E0h
15
Biquad 0
683h–691h
4DFh–4EDh
2E1h–2EFh
15
Biquad 1
692h–6A0h
4EEh–4FCh
2F0h–2FEh
15
Biquad 2
6A1h–6AFh
4FDh–50Bh
2FFh–30Dh
15
Biquad 3
Set 3
6B0h–6BEh
50Ch–51Ah
30Eh–31Ch
15
Biquad 4
Set 3
6BFh–6CDh
51Bh–529h
31Dh–32Bh
15
Biquad 5
6CEh–6DCh
52Ah–538h
32Ch–33Ah
15
Biquad 6
6DDh–6EBh
539h–547h
33Bh–349h
15
Biquad 0
6ECh–6FAh
548h–556h
34Ah–358h
15
Biquad 1
6FBh–709h
557h–565h
359h–367h
15
Biquad 2
70Ah–718h
566h–574h
368h–376h
15
Biquad 3
Set 4
719h–727h
575h–583h
377h–385h
15
Biquad 4
Set 4
728h–736h
584h–592h
386h–394h
15
Biquad 5
737h–745h
593h–5A1h
395h–3A3h
15
Biquad 6
746h–754h
5A2h–5B0h
NOTE: Bytes are in the same order as they appear in the I2C register map. The EEPROM address is A0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com