Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 63 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 59Page - Texas Instruments TAS3002 Datasheet HTML 60Page - Texas Instruments TAS3002 Datasheet HTML 61Page - Texas Instruments TAS3002 Datasheet HTML 62Page - Texas Instruments TAS3002 Datasheet HTML 63Page - Texas Instruments TAS3002 Datasheet HTML 64Page - Texas Instruments TAS3002 Datasheet HTML 65Page - Texas Instruments TAS3002 Datasheet HTML 66Page - Texas Instruments TAS3002 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
A–3
Table A–1. I2C Register Map (Continued)
REGISTER
ADDRESS
NUMBER OF
BYTES
BYTE DESCRIPTION
Right loudness
biquad
22h
15
B0(23–16), B0(15–8), B0(7–0)
B1(23–16), B1(15–8), B1(7–0)
B2(23–16), B2(15–8), B2(7–0)
A1(23–16), A1(15–8), A1(7–0)
A2(23–16), A2(15–8), A2(7–0)
Left loudness
biquad gain
23h
3
LBG(23–16), LBG(15–8), LBG(7–0)
Right loudness
biquad gain
24h
3
RBG(23–16), RBG(15–8), RBG(7–0)
Reserved
25h–28h
Reserved
Test
29h
10
Reserved
Reserved
30h to 3Fh
Analog control
40h
1
Anal_ctrl(7–0)
Test
41h
1
Test
42h
1
Main control 2
43h
1
MCR2(7–0)
Reserved
44h–FFh
A.2 Main Control Register Map
A.2.1
Main Control Register 1
MCR1 01h
C(7)
C(6)
C(5)
C(4)
C(3)
C(2)
C(1)
C(0)
FL
SC
E1
E0
F1
F0
W1
W0
1
x
x
x
x
x
x
x
Table A–2 lists the bit fields making up main control register 1 and defines the function associated with each bit field.
Table A–2. Main Control Register 1 Description
REGISTER
DESCRIPTOR
FUNCTION
VALUE
DESCRIPTION
C(7)
FL
Fast load
0
Normal operation mode
()
1
Fast load mode
C(6)
SC
SCLK frequency
0
SCLK = 32fS
()
qy
1
SCLK = 64fS
C(5–4)
E(1–0)
Serial port mode
00
Left justified
(
)
(
)
01
Right justified
10
I2S
11
Reserved
C(3–2)
XX
Reserved
00–11
Reserved
C(1–0)
W(1–0)
Serial port word
00
16-bit
(
)
(
)
length
01
18-bit
10
20-bit
11
24-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com