Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 78 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 78 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 74Page - Intel Corporation PXA270 Datasheet HTML 75Page - Intel Corporation PXA270 Datasheet HTML 76Page - Intel Corporation PXA270 Datasheet HTML 77Page - Intel Corporation PXA270 Datasheet HTML 78Page - Intel Corporation PXA270 Datasheet HTML 79Page - Intel Corporation PXA270 Datasheet HTML 80Page - Intel Corporation PXA270 Datasheet HTML 81Page - Intel Corporation PXA270 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 126 page
background image
6-14
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
tsdSDIS
MD<31:0> read
data input setup
time from
SDCLK<2:1> rise
TBD
——
0.5
——
0.5
——
ns
—
tsdSDIH
MD<31:0> read
data input hold
time from
SDCLK<2:1> rise
TBD
——
1.8
——
1.8
——
ns
—
NOTES:
1. SDCLK for SDRAM slowest period is accomplished by divide-by-2 of the 26-MHz CLK_MEM. The fastest possible SDCLK is
accomplished by configuring CLK_MEM at 104 MHz and not setting MDREFR[KxDB2].
2. SDCLK1 and SDCLK2 frequencies are configured to be CLK_MEM frequency divided by 1 or 2, depending on the bit fields
MDREFR[K1DB2] and MDREFR[K2DB2] settings.
3. These numbers are for VCC_MEM = 1.8 V +20% / –5%, VOL = 0.4 V, and VOH = 1.4 V, with each applicable 4-bit field of the
system memory buffer strength registers (BSCNTRP and BSCNTRN) set to TBD (msb:lsb) and each applicable SDCLK<2:1>
divide-by-2 and divide-by-4 register bits MDREFR[KxDB2] clear.
4. These numbers are for VCC_MEM = 2.5 V +/– 10%, VOL = 0.4 V, and VOH = 2.1 V, with each applicable 4-bit field of the system
memory buffer strength registers (BSCNTRP and BSCNTRN) set to 0b1010 (msb:lsb) and each applicable SDCLK<2:1> divide-
by-2 and divide-by-4 register bit MDREFR[KxDB2] clear.
5. These numbers are for VCC_MEM = 3.3 V +/– 10%, VOL = 0.4 V, and VOH = 2.4 V, with each applicable 4-bit field of the system
memory buffer strength registers (BSCNTRP and BSCNTRN) set to 0b1010 (msb:lsb) and each applicable SDCLK<2:1> divide-
by-2 and divide-by-4 register bit MDREFR[KxDB2] clear.
6. Refer to the “Memory Controller” chapter in the Intel® PXA27x Processor Family Developer’s Manual for register configuration.
Table 6-15. SDRAM Interface AC Specifications (Sheet 2 of 2)
Symbols
Parameters
VCC_MEM =
1.8V +20% / –5%3
VCC_MEM =
2.5V +/- 10%4
VCC_MEM =
3.3V +/- 10%5
Units
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com