Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 48 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 48 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 44Page - Intel Corporation PXA270 Datasheet HTML 45Page - Intel Corporation PXA270 Datasheet HTML 46Page - Intel Corporation PXA270 Datasheet HTML 47Page - Intel Corporation PXA270 Datasheet HTML 48Page - Intel Corporation PXA270 Datasheet HTML 49Page - Intel Corporation PXA270 Datasheet HTML 50Page - Intel Corporation PXA270 Datasheet HTML 51Page - Intel Corporation PXA270 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 126 page
background image
4-28
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Pin Listing and Signal Definitions
4.4
Memory Controller Reset and Initialization
On reset, the SDRAM interface is disabled. Reset values for the boot ROM are determined by
BOOT_SEL (see the Intel® PXA27x Processor Family Developers Manual, Memory Controller
chapter). Boot ROM is immediately available for reading upon exit from reset, and all memory
interface control registers are available for writing.
On hardware reset, the memory pins and controller are in the state shown in Table 4-4.
Table 4-3. Signal Types
Type
Description
IC
CMOS input
OC
CMOS output
OCZ
CMOS output, three-stateable
ICOCZ
CMOS bidirectional, three-stateable
IA
Analog input
OA
Analog output
IAOA
Analog bidirectional
IAOAZ
Analog bidirectional - three-stateable
PS
Power supply
Table 4-4. Memory Controller Pin Reset Values (Sheet 1 of 2)
Pin Name
Reset, Sleep, Standby, Deep-Sleep, Frequency
Change, and Manual Self-Refresh Mode Values
SDCLK <31:0>
0b000
SDCKE
0
DQM <3:0>
0b0000
nSDCS <3:2>
GPIO (memory controller drives 0b11)†
nSDCS <1:0>
0b11
nWE
1
nSDRAS
1
nSDCAS
1
nOE
1
MA <25:0>
0x0000_00001
RDnWR
0
MD <31:0>
0x0000_00002
nCS <0>
1
nCS <5:1>
GPIO (memory controller drives 0b11111)
nPIOIR
GPIO (memory controller drives high)
nPIOIW
GPIO (memory controller drives high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com