Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 66 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 66 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 62Page - Intel Corporation PXA270 Datasheet HTML 63Page - Intel Corporation PXA270 Datasheet HTML 64Page - Intel Corporation PXA270 Datasheet HTML 65Page - Intel Corporation PXA270 Datasheet HTML 66Page - Intel Corporation PXA270 Datasheet HTML 67Page - Intel Corporation PXA270 Datasheet HTML 68Page - Intel Corporation PXA270 Datasheet HTML 69Page - Intel Corporation PXA270 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 126 page
background image
6-2
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
6.2
Reset and Power Manager Timing Specifications
The processor asserts the nRESET_OUT pin in one of several different modes:
• Power-on reset
• Hardware reset
• Watchdog reset
• GPIO reset
• Sleep mode
• Deep-sleep mode
The following sections give the timing and specifications for entry into and exit from these modes.
6.2.1
Power-On Timing Specifications
Power-on reset begins when a power supply is detected on the backup battery pin, VCC_BATT,
after the processor has been powered off. A power-on reset is equivalent to a hardware reset, in that
all units are reset to the same known state as with a hardware reset. A power-on reset is a complete
and total reset that occurs only at initial power on.
The external power-supply system must enable the power supplies for the processor in a specific
sequence to ensure proper operation. Figure 6-2 shows the timing diagram for a power-on reset
sequence. Table 6-2 details the timing.
The sequence for power-on reset is as follows:
1. VCC_BATT is established, then nRESET should be de-asserted to initiate power-on reset.
2. PWR_OUT is asserted. The processor asserts nRESET_OUT.
3. The external power-control subsystem de-asserts nBATT_FAULT to signal that the main
battery is connected and not discharged.
4. The processor asserts the SYS_EN signal to enable the power supplies VCC_IO, VCC_MEM,
VCC_BB, VCC_USB, and VCC_LCD. VCC_USIM can be established at this time also but
can be independently controlled through its own control signals. VCC_IO must be established
first. The other supplies can turn on in any order, but they must all be established within
125 milliseconds of the assertion of SYS_EN.
Figure 6-1. AC Test Load
I/O
50pf
ΖΟ = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com