Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 59 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 59 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 55Page - Intel Corporation PXA270 Datasheet HTML 56Page - Intel Corporation PXA270 Datasheet HTML 57Page - Intel Corporation PXA270 Datasheet HTML 58Page - Intel Corporation PXA270 Datasheet HTML 59Page - Intel Corporation PXA270 Datasheet HTML 60Page - Intel Corporation PXA270 Datasheet HTML 61Page - Intel Corporation PXA270 Datasheet HTML 62Page - Intel Corporation PXA270 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
5-9
Intel® PXA270 Processor
Electrical Specifications
5.5
Oscillator Electrical Specifications
The PXA270 processor contains two oscillators: a 32.768-kHz oscillator and a 13.000-MHz
oscillator. Each oscillator requires a specific crystal.
5.5.1
32.768-kHz Oscillator Specifications
The 32.768-kHz oscillator is connected between the TXTAL_IN (amplifier input) and
TXTAL_OUT (amplified output). Table 5-9 and Table 5-10 list the appropriate 32.768-kHz
specifications.
To drive the 32.768-kHz crystal pins from an external source:
1. Drive the TXTAL_IN pin with a digital signal that has low and high levels as listed in
Table 5-10. Do not exceed VCC_PLL or go below VSS_PLL by more than 100 mV. The
minimum slew rate is 1 volt per 1 µs. The maximum current drawn from the external clock
source when the clock is at its maximum positive voltage is typically 1 mA.
2. Float the TXTAL_OUT pin or drive it in complement to the TXTAL_IN pin, with the same
voltage level and slew rate.
Caution: The TXTAL_IN and TXTAL_OUT pins must not be driven from an external source if the PXA270
processor sleep / deep sleep DC-DC converter is enabled.
VOH1
Output high voltage, all standard output and I/
O pins, relative to applicable VCC (VCC_IO,
VCC_MEM, VCC_BB, VCC_LCD, VCC_USB,
or VCC_USIM)
VCC - 0.3
VCC
V
IOH = -4 mA2,
-3 mA3
VOL1
Output low voltage, all standard output and I/O
pins, relative to applicable VSS (VSS_IO,
VSS_MEM, or VSS_BB)
VSS
VSS + 0.3
V
IOH = 4 mA2,
3 mA3
NOTES:
1. Programmable drive strengths set to 0x5 for memory and LCD programmable signals.
2. The current for the high-strength pins are MA<25:0>, MD<31:0>, nOE, nWE, nSDRAS, nSDCAS, DQM<3:0>, nSDCS<3:0>,
SDCKE<1>, SDCLK<3:0>, RDnWR, nCS<5:0>, and nPWE.
3. The current for all other output and I/O pins are low strength.
Table 5-8. Standard Input, Output, and I/O Pin DC Operating Conditions (Sheet 2 of 2)
Symbol
Description
Min
Max
Unit
s
Testing Conditions
/ Notes
Table 5-9. Typical 32.768-kHz Crystal Requirements (Sheet 1 of 2)
Parameter
Minimum
Typical
Maximum
Units
Frequency range
—
32.768
—
kHz
Frequency tolerance
–30
—
+30
ppm
Frequency stability, parabolic coefficient
—
—
–0.04
ppm/
(
∆°C)2
Drive level
—
—
1.0
uW
Load capacitance (CL)
—
12.5
—
pf
Shunt capacitance (CO)—
0.9
—
pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com