Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 60 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 60 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 56Page - Intel Corporation PXA270 Datasheet HTML 57Page - Intel Corporation PXA270 Datasheet HTML 58Page - Intel Corporation PXA270 Datasheet HTML 59Page - Intel Corporation PXA270 Datasheet HTML 60Page - Intel Corporation PXA270 Datasheet HTML 61Page - Intel Corporation PXA270 Datasheet HTML 62Page - Intel Corporation PXA270 Datasheet HTML 63Page - Intel Corporation PXA270 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
5-10
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Electrical Specifications
Motional capacitance (CI)—
2.1
—
fF
Equivalent series resistance (RS)—
18
35
k
Ω
Insulation resistance at 100 VDC
100
—
—
M
Ω
Aging, at operating temperature per year
—
—
±3.0
ppm
Table 5-9. Typical 32.768-kHz Crystal Requirements (Sheet 2 of 2)
Parameter
Minimum
Typical
Maximum
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com