Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 97 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 97 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 93Page - Intel Corporation PXA270 Datasheet HTML 94Page - Intel Corporation PXA270 Datasheet HTML 95Page - Intel Corporation PXA270 Datasheet HTML 96Page - Intel Corporation PXA270 Datasheet HTML 97Page - Intel Corporation PXA270 Datasheet HTML 98Page - Intel Corporation PXA270 Datasheet HTML 99Page - Intel Corporation PXA270 Datasheet HTML 100Page - Intel Corporation PXA270 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
6-33
Intel® PXA270 Processor
AC Timing Specifications
6.4.5
SRAM Parameters and Timing Diagrams
The following sections describe the read/write parameters and timing diagrams for SRAM
interfaces with the memory controller.
6.4.5.1
SRAM Read Parameters and Timing Diagrams
The timing for a read access is identical to that for a non-burst ROM read (see Figure 6-11). The
timings listed in Table 6-16 for ROM reads are also used for SRAM reads. See Figure 6-11 and
Figure 6-14 for timings diagrams representing 16-bit SRAM transferring four, two, and one byte(s)
during read-bus tenures.
6.4.5.2
SRAM Write Parameters and Timing Diagrams
Figure 6-22 and Figure 6-23 show the timing for 32-bit and 16-bit SRAM writes. Table 6-19 lists
the timings used in Figure 6-22 and Figure 6-23.
Figure 6-21. 16-Bit Flash Write Timing
addr
0b0
Bytes 1:0
0b00
tflashCD
tflashDSWH
tflashWL
tflashDH
tflashCEH
tflashCES
tflashAS
Applies to:
16-bit Non-Burst Flash
16-bit Burst Flash
NOTE: MSC1[RDN2] = 2, MSC1[RDF2] = 1, MSC1[RRR2] = 2
CLK_MEM
nCS<2>
MA<25:1>
MA<0>
nWE
nOE
RDnWR
MD<15:0>
DQM<1:0>
nADV(nSDCAS)
nCSx or nSDCSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com