Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 40 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 40 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 36Page - Intel Corporation PXA270 Datasheet HTML 37Page - Intel Corporation PXA270 Datasheet HTML 38Page - Intel Corporation PXA270 Datasheet HTML 39Page - Intel Corporation PXA270 Datasheet HTML 40Page - Intel Corporation PXA270 Datasheet HTML 41Page - Intel Corporation PXA270 Datasheet HTML 42Page - Intel Corporation PXA270 Datasheet HTML 43Page - Intel Corporation PXA270 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
4-20
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Pin Listing and Signal Definitions
A22
B20
GPIO<118
>
ICOC
Z
GPIO<118>
SDA
—
—
Pu-1
Note[1]
Note [3],
Note[12]
SDA
—
—
VCC_USB
B22
D18
USBC_P
IAOA
Z
USBC_P
USBC_P
—
—
Hi-Z
Hi-Z
C20
E19
USBC_N
IAOA
Z
USBC_N
USBC_N
—
—
Hi-Z
Hi-Z
E22
E22
USBH_P
<1>
IAOA
Z
USBH_P<1
>
USBH_P<1>
—
—
Hi-Z
Hi-Z
D23
D22
USBH_N
<1>
IAOA
Z
USBH_N<1
>
USBH_N<1>
—
—
Hi-Z
Hi-Z
VCC_USIM
F22
H19
GPIO<90>
ICOC
Z
GPIO<90>
KP_MKIN<5>
USB_P3_5
CIF_DD<4>
Pd-0
Note[1]
Note [3]
—nURST
—
F23
G19
GPIO<91>
ICOC
Z
GPIO<91>
KP_MKIN<6>
USB_P3_1
CIF_DD<5>
Pd-0
Note[1]
Note [3]
—UCLK
—
E23
F20
UIO
ICOC
Z
UIO
UIO
—
—
Driven
Low
Hi-Z
VCC_REG
V22
U20
GPIO<0>
ICOC
Z
GPIO<0>
GPIO<0>
—
—
Pd-0
Note[1]
Note [3]
Y24
U21
GPIO<1>
ICOC
Z
GPIO<1>
GPIO<1>
—
—
Pu-1
Note[1]
Note [7]
W21
V22
GPIO<3>
ICOC
Z
GPIO<3>
PWR_SCL
—
—
Pu-1
Note[1]
Hi-Z
W23
T19
GPIO<4>
ICOC
Z
GPIO<4>
PWR_SDA
—
—
Pu-1
Note[1]
Hi-Z
U22
T22
GPIO<9>
Note [18]
ICOC
Z
GPIO<9>
Note [18]
—
—
FFCTS
Pd-0
Note[1]
Note [7]
HZ_CLK
—
CHOUT<0>
V23
U22
GPIO<10>
Note [18]
ICOC
Z
GPIO<10>
Note [18]
FFDCD
—USB_P3_5
Pd-0
Note[1]
Note [7]
HZ_CLK
—
CHOUT<1>
Pd-0
Note[1]
Note [7]
W24
T21
CLK_REQ
ICOC
Z
CLK_REQ
CLK_REQ
—
—
Pu-1
Note [8]
Y22
W20
NRESET
IC
nRESET
nRESET
—
—
Input -
Note [9]
Input
Y21
W21
NRESET_
OUT
OC
nRESET_O
UT
nRESET_OUT
—
—
Low
Note [8]
AB23
V19
BOOT_SE
L
IC
BOOT_SEL
BOOT_SEL
—
—
Input
Input
Table 4-1. Pin Usage Summary (Sheet 11 of 17)
VF-BGA
Ball#
(13x13)
PBGA
Ball#
(23x23)
Name
Type
Function
After
Reset
Primary
Function
Secondary
Alternate
Function
Third
Alternate
Function
Reset
State
Sleep
State
NOTE: Refer to Table 4-2 for Numbered Notes on Reset and Sleep States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com