Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 61 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 61 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 57Page - Intel Corporation PXA270 Datasheet HTML 58Page - Intel Corporation PXA270 Datasheet HTML 59Page - Intel Corporation PXA270 Datasheet HTML 60Page - Intel Corporation PXA270 Datasheet HTML 61Page - Intel Corporation PXA270 Datasheet HTML 62Page - Intel Corporation PXA270 Datasheet HTML 63Page - Intel Corporation PXA270 Datasheet HTML 64Page - Intel Corporation PXA270 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
5-11
Intel® PXA270 Processor
Electrical Specifications
5.5.2
13.000-MHz Oscillator Specifications
The 13.000-MHz oscillator is connected between the PXTAL_IN (amplifier input) and
PXTAL_OUT (amplified output). Table 5-11 and Table 5-12 list the 13.000-MHz specifications.
To drive the 13.000-MHz crystal pins from an external source:
1. Drive the PXTAL_IN pin with a digital signal with low and high levels as listed in Table 5-12.
Do not exceed VCC_PLL or go below VSS_PLL by more than 100 mV. The minimum slew
rate is 1 volt / 100 ns. The maximum current drawn from the external clock source when the
clock is at its maximum positive voltage typically is 1 mA.
2. Float the PXTAL_OUT pin or drive it in complement to the PXTAL_IN pin, with the same
voltage level, slew rate, and input current restrictions.
Caution: The PXTAL_IN and PXTAL_OUT pins must not be driven from an external source if the PXA270
processor sleep / deep sleep DC-DC converter is enabled.
Table 5-10. Typical External 32.768-kHz Oscillator Requirements
Symbol
Description
Min
Typical
Max
Units
Amplifier Specifications
VIH_X
Input high voltage, TXTAL_IN
0.99
1.10
1.21
V
VIL_X
Input low voltage, TXTAL_IN
–0.10
0.00
0.10
V
IIN_XT
Input leakage, TXTAL_IN
—
—
1
µA
CIN_XT
Input capacitance, TXTAL_IN/
TXTAL_OUT
—
18
25
pf
tS_XT
Stabilization time
—
—
10
s
Board Specifications
RP_XT
Parasitic resistance, TXTAL_IN/
TXTAL_OUT to any node
20
—
—
M
Ω
CP_XT
Parasitic capacitance, TXTAL_IN/
TXTAL_OUT, total
—
—
5
pf
COP_XT
Parasitic shunt capacitance,
TXTAL_IN to TXTAL_OUT
—
—
0.4
pf
Table 5-11. Typical 13.000-MHz Crystal Requirements
Parameter
Minimum
Typical
Maximum
Units
Frequency range
12.997
13.000
13.002
MHz
Frequency tolerance at 25
°C
–50
—
+50
ppm
Oscillation mode
—
Fnd
—
—
Maximum change over temperature range
–50
—
+50
ppm
Drive level
—
10
100
uW
Load capacitance (CL)—
10
—
pf
Maximum series resistance (RS)—
50
—
Ω
Aging per year, at operating temperature
—
—
±5.0
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com