Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 17 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 17 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 13Page - Intel Corporation PXA270 Datasheet HTML 14Page - Intel Corporation PXA270 Datasheet HTML 15Page - Intel Corporation PXA270 Datasheet HTML 16Page - Intel Corporation PXA270 Datasheet HTML 17Page - Intel Corporation PXA270 Datasheet HTML 18Page - Intel Corporation PXA270 Datasheet HTML 19Page - Intel Corporation PXA270 Datasheet HTML 20Page - Intel Corporation PXA270 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
3-5
Intel® PXA270 Processor
Package Information
Figure 3-7. 23x23 mm PBGA Intel® PXA270 Processor Package (Side View)
0.20 C
C
0.15
//
SEATING PLANE
3
Figure 3-8. PBGA Product Information Decoder
Intel XScale® Family
Product Family Member
270 = Discrete product
Package Type
FW = Leaded
NH = Lead-Free
Temperature Rating
C = -25 to 85 C
E = -40 to 85 C
Speed
312 MHz
416 MHz
520 MHz
Stepping
F
W
PX
A
2
7
0
C
1
C
4
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com