Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 62 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 62 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 58Page - Intel Corporation PXA270 Datasheet HTML 59Page - Intel Corporation PXA270 Datasheet HTML 60Page - Intel Corporation PXA270 Datasheet HTML 61Page - Intel Corporation PXA270 Datasheet HTML 62Page - Intel Corporation PXA270 Datasheet HTML 63Page - Intel Corporation PXA270 Datasheet HTML 64Page - Intel Corporation PXA270 Datasheet HTML 65Page - Intel Corporation PXA270 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 126 page
background image
5-12
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Electrical Specifications
5.6
CLK_PIO and CLK_TOUT Specifications
CLK_PIO can be used to drive a buffered version of the PXTAL_IN oscillator input or can be used
as a clock input alternative to PXTAL_IN. Refer to Table 5-13 for CLK_PIO specifications.
A buffered and inverted version of the TXTAL_IN oscillator output is driven out on CLK_TOUT.
Refer to Table 5-14 for CLK_TOUT specifications.
Note: CLK_TOUT and CLK_PIO are only available when software sets the OSCC[PIO_EN] and
OSCC[TOUT_EN] bits.
Table 5-12. Typical External 13.000-MHz Oscillator Requirements
Symbol
Description
Min
Typical
Max
Units
Amplifier Specifications
VIH_X
Input high voltage, PXTAL_IN
0.99
1.10
1.21
V
VIL_X
Input low voltage, PXTAL_IN
–0.10
0.00
0.10
V
IIN_XP
Input leakage, PXTAL_IN
—
—
10
µA
CIN_XP
Input capacitance, PXTAL_IN/PXTAL_OUT
—
40
50
pf
tS_XP
Stabilization time
—
—
67.8
ms
Board Specifications
RP_XP
Parasitic resistance, PXTAL_IN/PXTAL_OUT to
any node
20
—
—
M
Ω
CP_XP
Parasitic capacitance, PXTAL_IN/PXTAL_OUT,
total
—
—
5
pf
COP_XP
Parasitic shunt capacitance, PXTAL_IN to
PXTAL_OUT
—
—
0.4
pf
Table 5-13. CLK_PIO Specifications
Parameter
Specifications
Frequency
13 MHz
Frequency Accuracy (derived from 13 MHz crystal)
+/-200ppm
Symmetry/Duty Cycle variation
30/70 to 70/30% at VCC
Jitter
+/-20pS max
Load capacitance (CL)50pf max
Rise and Fall time (Tr & Tf)
15nS max with 50pF load
Table 5-14. CLK_TOUT Specifications
Parameter
Specifications
Frequency
32KHz
Frequency Accuracy (derived from 32 kHz crystal)
+/-200ppm
Symmetry/Duty Cycle variation
30/70 to 70/30% at VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com