Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 95 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 95 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 91Page - Intel Corporation PXA270 Datasheet HTML 92Page - Intel Corporation PXA270 Datasheet HTML 93Page - Intel Corporation PXA270 Datasheet HTML 94Page - Intel Corporation PXA270 Datasheet HTML 95Page - Intel Corporation PXA270 Datasheet HTML 96Page - Intel Corporation PXA270 Datasheet HTML 97Page - Intel Corporation PXA270 Datasheet HTML 98Page - Intel Corporation PXA270 Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
6-31
Intel® PXA270 Processor
AC Timing Specifications
tflashDOH
MD hold from address valid
0
—
—
clk_mem
—
tflashCD
nCS de-asserted after a read/write to
next nCS or nSDCS asserted
(minimum)
1
MSCx[RRR]*2 +
1
15
clk_mem
—
NOTES:
1. Numbers shown as integer multiples of the CLK_MEM period are ideal. Actual numbers vary with pin-to-pin differences in
loading and transition direction (rise or fall).
2. On the first data beat of burst transfer, the tflashASW is 3 CLK_MEM periods. On subsequent data beats, the tflashASW is 1
CLK_MEM period.
Figure 6-19. 32-Bit Flash Write Timing
Table 6-18. Flash Memory AC Specification (Sheet 2 of 2)
Symbols
Parameters
MIN
TYP
MAX
Units1
Notes
command address
data address
0b00
0b00
CMD
DATA
0b0000
0b0000
tflashCD
tflashDSWH
tflashDSWH
tflashWL
tflashWL
tflashCD
tflashDH
tflashDH
tflashAH
tflashCEH
tflashCES
tflashASW
tflashAH
tflashCEH
tflashCES
tflashASW
tflashAS
tflashAS
NOTE: MSC0[RDF0] = 2, MSC0[RRR0] = 2
First Bus Cycle
Second Bus Cycle
CLK_MEM
nCS<0>
MA<25:2>
MA<1:0>
nWE
nOE
RDnWR
MD<31:0>
DQM<3:0>
nADV(nSDCAS)
nCSx or nSDCSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com