Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 52 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 52 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 48Page - Intel Corporation PXA270 Datasheet HTML 49Page - Intel Corporation PXA270 Datasheet HTML 50Page - Intel Corporation PXA270 Datasheet HTML 51Page - Intel Corporation PXA270 Datasheet HTML 52Page - Intel Corporation PXA270 Datasheet HTML 53Page - Intel Corporation PXA270 Datasheet HTML 54Page - Intel Corporation PXA270 Datasheet HTML 55Page - Intel Corporation PXA270 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
5-2
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
Electrical Specifications
Table 5-2 shows each power domains supported voltages (except for VCC_MEM and
VCC_CORE). Table 5-3 shows all of the supported memory voltages and frequency operating
ranges (VCC_MEM). Table Note: shows all of the supported core voltage and frequency ranges
(VCC_CORE).
The operating temperature specification is a function of voltage and frequency.
Table 5-2. Voltage, Temperature, and Frequency Electrical Specifications (Sheet 1 of 2)
Symbol
Description
Min
Typical
Max
Units
Operating Temperature
Tcase
Package operating temperature† (Standard
Temp)
-25
—
+85
°C
Package operating temperature† (Extended
Temp - PBGA ONLY)
-40
—
+85
Theta Jc
Junction-to-case temperature gradient
(VF-BGA)
—
2
—
°C /
watt
Junction-to-case temperature gradient
(PBGA)
—
1.4
—
VCC_BATT Voltage
VVCC0
Voltage applied on VCC_BATT @3.0V
2.25
3.00
3.75
V
VVDF1
Voltage difference between VCC_BATT
and VCC_IO during power-on reset or
deep-sleep wake-up (from the assertion
of SYS_EN to the de-assertion of
nRESET_OUT)
0
—
0.30
V
VVDF2
Voltage difference between VCC_BATT
and VCC_IO when VCC_IO is enabled
0
—
0.20
V
Tbramp
Ramp Rate
—
10
12
mV/uS
VCC_PLL Voltage
VVCC1
Voltage applied on VCC_PLL @1.3V
(+10 / -10%)
1.17
1.30
1.43
V
Tpwrramp
Ramp Rate
—
10
12
mV/uS
VCC_BB Voltages
VVCC2a
Voltage applied on VCC_BB @1.8V
(+20 / -5%)
1.71
1.80
2.16
V
VVCC2b
Voltage applied on VCC_BB @2.5V
(+10 / -10%)
2.25
2.50
2.75
V
VVCC2c
Voltage applied on VCC_BB @3.0V
(+10 / -10%)
2.70
3.0
3.30
V
VVCC2d
Voltage applied on VCC_BB @3.3V
(+10 / -10%)
2.97
3.3
3.63
V
Tsysramp
Ramp Rate
—
10
12
mV/uS
VCC_LCD Voltages
VVCC3a
Voltage applied on VCC_LCD @1.8V
(+20 / -5%)
1.71
1.80
2.16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com