Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 98 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 98 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 94Page - Intel Corporation PXA270 Datasheet HTML 95Page - Intel Corporation PXA270 Datasheet HTML 96Page - Intel Corporation PXA270 Datasheet HTML 97Page - Intel Corporation PXA270 Datasheet HTML 98Page - Intel Corporation PXA270 Datasheet HTML 99Page - Intel Corporation PXA270 Datasheet HTML 100Page - Intel Corporation PXA270 Datasheet HTML 101Page - Intel Corporation PXA270 Datasheet HTML 102Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
6-34
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
During writes, data pins are actively driven by the processor and are not three-stated, regardless of
the states of the individual DQM signals. For SRAM writes, the DQM signals are used as byte
enables.
Note: Table 6-19 lists programmable register items. See the “Memory Controller”chapter in the Intel®
PXA27x Processor Family Developer’s Manual for register configurations for more information on
these items.
Table 6-19. SRAM Write AC Specification
Symbols
Parameters
MIN
TYP
MAX
Units1
Notes
tsramAS
Address setup to nCS assert
1
—
1
clk_mem
—
tsramAH
Address hold from nWE de-asserted
1
—
1
clk_mem
—
tsramASW
Address setup to nWE asserted
1
—
3
clk_mem
2
tsramCES
nCS setup to nWE asserted
2
—
2
clk_mem
—
tsramCEH
nCS hold from nWE de-asserted
1
—
1
clk_mem
—
tsramWL
nWE asserted time
1
MSCx[RDN]+1
31
clk_mem
—
tsramDSWH
MD/DQM setup to nWE de-asserted
2
MSCx[RDN]+2
32
clk_mem
—
tsramDH
MD/DQM hold from nWE de-
asserted
1
—
1
clk_mem
—
tramCD
nCS de-asserted after a read to next
nCS or nSDCS asserted (minimum)
1
MSCx[RRR]*2+
1
15
clk_mem
—
NOTES:
1. Numbers shown as integer multiples of the CLK_MEM period are ideal. Actual numbers vary with pin-to-pin differences in
loading and transition direction (rise or fall).
2. On the first data beat of burst transfer, the tsramASW is 3 CLK_MEM periods. On subsequent data beats, the tsramASW is 1
CLK_MEM period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com