Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 101 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 101 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 97Page - Intel Corporation PXA270 Datasheet HTML 98Page - Intel Corporation PXA270 Datasheet HTML 99Page - Intel Corporation PXA270 Datasheet HTML 100Page - Intel Corporation PXA270 Datasheet HTML 101Page - Intel Corporation PXA270 Datasheet HTML 102Page - Intel Corporation PXA270 Datasheet HTML 103Page - Intel Corporation PXA270 Datasheet HTML 104Page - Intel Corporation PXA270 Datasheet HTML 105Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
6-37
Intel® PXA270 Processor
AC Timing Specifications
6.4.6.1
Variable Latency I/O Read Timing
Figure 6-24 shows the timing for 32-bit variable-latency I/O (VLIO) memory reads. Table 6-20
lists the timing parameters used in these diagrams.
Table 6-20. VLIO Timing
Symbols
Parameters
MIN
TYP
MAX2
Units1
Notes
tvlioAS
Address setup to nCS asserted
1
—
1
clk_mem
—
tvlioAH
Address hold from nPWE/nOE de-
asserted
2
MSCx[RDN]
30
clk_mem
—
tvlioASRW0
Address setup to nPWE/nOE
asserted (1st access)
3
—
3
clk_mem
—
tvlioASRWn
Address setup to nPWE/nOE
asserted (next access(es))
2
MSCx[RDN]
30
clk_mem
—
tvlioCES
nCS setup to nPWE/nOE asserted
2
—
2
clk_mem
—
tvlioCEH
nCS hold from nPWE/nOE de-
asserted
1
—
1
clk_mem
—
tvlioDSWH
MD/DQM setup (minimum) to nPWE
de-asserted
5
MSCx[RDF]+2
32
clk_mem
—
tvlioDH
MD/DQM hold from nPWE de-
asserted
1
—
1
clk_mem
—
tvlioDSOH
MD setup to address changing
1.5
—
clk_mem
—
tvlioDOH
MD hold from address changing
0
—
ns
—
tvlioRDYH
RDY hold from nPWE/nOE de-
asserted
0
—
—
ns
—
tvlioRWA
nPWE/nOE assert period between
writes
4
MSC[RDF]+1 +
Waits
31 +
Waits
clk_mem
—
tvlioRWD
nPWE/nOE de-asserted period
between writes
4
MSCx[RDN*2]
60
clk_mem
3
tvlioCD
nCS de-asserted after a read/write to
next nCS or nSDCS asserted
(minimum)
1
MSCx[RRR]*2 +
1
15
clk_mem
—
NOTES:
1. Numbers shown as integer multiples of the CLK_MEM period are ideal. Actual numbers vary with pin-to-pin differences in
loading and transition direction (rise or fall).
2. Maximum values reflect the register dynamic ranges.
3. Depending on the programmed value of MSC[RDN] and the clk_mem speed, this can be a significant amount of time.
Processor does not drive the data bus during this time between transfers. If the VLIO does not drive the data bus during this
time between transfers, the data bus is not driven for this period of time. If MSC[RDN] is programmed to 60 (which equals 60
CLK_MEM cycles), then the data bus could potentially not be driven for 30*2 = 60 CLK_MEM cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com