Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 104 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 104 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 100Page - Intel Corporation PXA270 Datasheet HTML 101Page - Intel Corporation PXA270 Datasheet HTML 102Page - Intel Corporation PXA270 Datasheet HTML 103Page - Intel Corporation PXA270 Datasheet HTML 104Page - Intel Corporation PXA270 Datasheet HTML 105Page - Intel Corporation PXA270 Datasheet HTML 106Page - Intel Corporation PXA270 Datasheet HTML 107Page - Intel Corporation PXA270 Datasheet HTML 108Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 126 page
background image
6-40
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
6.4.7
Expansion-Card Interface Parameters and Timing Diagrams
The following sections describe the read/write parameters and timing diagrams for CompactFlash*
and PC Card* (expansion card) memory interfaces with the memory controller.
Table 6-21 shows the timing parameters used in the timing diagrams, Figure 6-26 and Figure 6-27.
Note: Table 6-21 lists programmable register items. See the “Memory Controller” chapter in the Intel®
PXA27x Processor Family Developer’s Manual for register configurations for more information on
these items.
Table 6-21. Expansion-Card Interface AC Specifications
Symbols
Parameters
MIN
TYP
MAX
Units
Notes
tcdAVCL
Address Valid to CMD Low
2
MCx[SET]
127
CLK_MEM
1,2,3,4
tcdCHAI
CMD High to Address Invalid
0
MCx[HOLD]
63
CLK_MEM
1,2,3,5
tcdDVCL
Write Data Valid to CMD Low
—
1
—
CLK_MEM
1,3
tcdCHWDI
CMD High to Write Data Invalid
—
4
—
CLK_MEM
1,3
tcdDVCH
Read Data Valid to CMD High
2
—
—
CLK_MEM
1,3
tcdCHRDI
CMD High to Read Data Invalid
0
—
—
ns
3
tcdCMD
CMD Assert During Transfers
—
tcdCLPS +
tcdPHCH +
nPWAIT
assertion
—
CLK_MEM
1,3
tcdILCL
nIOIS16 Low to CMD Low
4
—
—
CLK_MEM
1,3
tcdCHIH
CMD High to nIOIS16 High
2
—
—
CLK_MEM
1,3
tcdCLPS
CMD Low to nPWAIT Sample
—
x_ASST_WAIT
—
CLK_MEM
1,3,6,7
tcdPHCH
nPWAIT High to CMD High
—
x_ASST_HOLD
—
CLK_MEM
1,3,6,8
NOTES:
1. All numbers shown are ideal, integer multiples of the CLK_MEM period. Actual numbers vary with pin-to-pin differences in
loading and transition direction (rise or fall).
2. Includes signals MA[25:0], nPREG, and nPSKTSEL.
3. CMD refers to signals nPWE, nPOE, nPIOW, and nPIOR
4. Refer to the Intel® PXA27x Processor Family Developer’s Manual, Expansion Memory Timing Configuration registers to
change the assertion of CMD using the MCx[SET] bit fields.
5. Refer to the Intel® PXA27x Processor Family Developer’s Manual, Expansion Memory Timing Configuration registers to
increase the assertion of CMD using the MCx[HOLD] bit fields.
6. Refer to the Intel® PXA27x Processor Family Developer’s Manual, Expansion Memory Timing Configuration registers to
increase timings. The timings are changed by programming the MCx[ASST] respective bit fields. Refer to the PC Card
Interface Command Assertion Code table to see the effect of MCx[ASST].
7. tcdCLPS equals CLK_MEM * x_ASST_WAIT. Refer to the PC Card Interface Command Assertion Code table in the Intel®
PXA27x Processor Family Developer’s Manual for the correlation between x_ASST_WAIT and the MCx[ASST] bit field.
8. tcdPHCH equals CLK_MEM * x_ASST_HOLD. Refer to the PC Card Interface Command Assertion Code table in the Intel®
PXA27x Processor Family Developer’s Manual for the correlation between x_ASST_HOLD and the MCx[ASST] bit field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com