Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 108 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 108 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 104Page - Intel Corporation PXA270 Datasheet HTML 105Page - Intel Corporation PXA270 Datasheet HTML 106Page - Intel Corporation PXA270 Datasheet HTML 107Page - Intel Corporation PXA270 Datasheet HTML 108Page - Intel Corporation PXA270 Datasheet HTML 109Page - Intel Corporation PXA270 Datasheet HTML 110Page - Intel Corporation PXA270 Datasheet HTML 111Page - Intel Corporation PXA270 Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 126 page
background image
6-44
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
6.6
SSP Timing Specifications
Figure 6-29 describes the SSP timing parameters. The SSP pin timing specifications are referenced
to SSPCLK. Table 6-23 gives the values for the parameters.
Note: In Figure 6-29, read the term “tSFMV” as “TSTXV.”
Figure 6-30. Timing Diagram for SSP Slave Mode Transmitting Data to an External Peripheral
Figure 6-29. SSP Master Mode Timing Definitions
Table 6-23. SSP Master Mode Timing Specifications
Symbol
Description
Min
Max
Units
Notes
Tsfmv
SSPSCLK rise to SSPSFRM driven valid
21
ns
Trxds
SSPRXD valid to SSPSCLK fall (input setup)
11
ns
Trxdh
SSPSCLK fall to SSPRXD invalid (input hold)
0
ns
Tsfmv
SSPSCLK rise to SSPTXD valid
22
ns
SSPSCLK
SSPSFRM
SSPTXD
SSPRXD
Tsfmv
Tsfmv
Trxds
Trxdh
PXA27x processor transmitting data
SSPSCLK
(from Peripheral)
SSPTXD
(from SSP)
PXA27x SSP (Slave Mode) transmitting data to external peripheral
SSPSFRM
(from Peripheral)
tSCLK2TXD_output_delay
tSFRM2TXD_output_delay
PXA27x processor transmitting data
SSPSCLK
(from Peripheral)
SSPTXD
(from SSP)
PXA27x SSP (Slave Mode) transmitting data to external peripheral
SSPSFRM
(from Peripheral)
tSCLK2TXD_output_delay
tSFRM2TXD_output_delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com