Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 110 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 110 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 106Page - Intel Corporation PXA270 Datasheet HTML 107Page - Intel Corporation PXA270 Datasheet HTML 108Page - Intel Corporation PXA270 Datasheet HTML 109Page - Intel Corporation PXA270 Datasheet HTML 110Page - Intel Corporation PXA270 Datasheet HTML 111Page - Intel Corporation PXA270 Datasheet HTML 112Page - Intel Corporation PXA270 Datasheet HTML 113Page - Intel Corporation PXA270 Datasheet HTML 114Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 126 page
background image
6-46
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
§§
TBSIS1
Input Setup to TCK TDI, TMS
4.0
—
ns
—
TBSIH1
Input Hold from TCK TDI, TMS
6.0
—
ns
—
TBSIS2
Input Setup to TCK nTRST
25.0
—
ns
—
TBSIH2
Input Hold from TCK nTRST
3.0
—
ns
—
TnTRST
Assertion time of nTRST
6
—
ms
—
TBSOV1 TDO Valid Delay
1.5
6.9
ns
Relative to falling edge of TCK
TOF1
TDO Float Delay
1.1
5.4
ns
Relative to falling edge of TCK
Figure 6-32. JTAG Boundary-Scan Timing
Table 6-26. Boundary Scan Timing Specifications (Sheet 2 of 2)
Symbol
Parameter
Min
Max
Units
Notes
Shift-IR
Run-Test/Idle
TOF1
TBSOV1
TBSOV1
TBSOV1
TBSOV1
TBSOV1
TBSOV1
TBSOV1
TBSIH1
TBSIS1
TBSIH1
TBSIS1
TBSIH2
TBSIS2
TBSCL
TBSCH
TBSF
TCK
nTRST
TMS
TDI
TDO
Controller State
TnTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com