Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 113 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 113 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 109Page - Intel Corporation PXA270 Datasheet HTML 110Page - Intel Corporation PXA270 Datasheet HTML 111Page - Intel Corporation PXA270 Datasheet HTML 112Page - Intel Corporation PXA270 Datasheet HTML 113Page - Intel Corporation PXA270 Datasheet HTML 114Page - Intel Corporation PXA270 Datasheet HTML 115Page - Intel Corporation PXA270 Datasheet HTML 116Page - Intel Corporation PXA270 Datasheet HTML 117Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
Glossary-3
Intel® PXA270 Processor
Glossary
wireless carrier and providing interference-free calls for the user. Several versions of the standard are still under
development. CDMA should increase network capacity for wireless carriers and improve the quality of wireless
messaging. CDMA is an alternative to GSM.
CDPD: Cellular Digital Packet Data Telecommunications companies can use DCPD to transfer data on unused
cellular networks to other users. IF one section, or “cell” of the network is overtaxed, DCPD automatically allows
for the reallocation of services.
Cellular: Technology that senses analog or digital transmissions from transmitters that have areas of coverage
called cells. As a user of a cellular phone moves between transmitters from one cell to another, the users’ call
travels from transmitter to transmitter uninterrupted.
Circuit Switched: Used by wireless carriers, this method lets a user connect to a network or the Internet by dialing
in, such as with a traditional phone line. Circuit switched connections are typically slower and less reliable than
packet-switched networks, but are currently the primary method of network access for wireless users in the U.S.
CF: Compact Flash memory and I/O card interface
Characteristics: Those qualities of a USB device that are unchangeable; for example, the device class is a device
characteristic.
Client: Software resident on the host that interacts with the USB System Software to arrange data transfer between
a function and the host. The client is often the data provider and consumer for transferred data.
CML: Current mode logic
Configuring Software: Software resident on the host software that is responsible for configuring a USB device.
This may be a system configuration or software specific to the device.
Control Endpoint: A pair of device endpoints with the same endpoint number that are used by a control pipe.
Control endpoints transfer data in both directions and, therefore, use both endpoint directions of a device address
and endpoint number combination. Thus, each control endpoint consumes two endpoint addresses.
Control Pipe: Same as a message pipe.
Control Transfer: One of the four USB transfer types. Control transfers support configuration/command/status
type communications between client and function. See also transfer type.
CRC: See Cyclic Redundancy Check.
CSP: Chip Scale Package.
CTE: Coefficient of thermal expansion
CTI: Computer Telephony Integration.
Cyclic Redundancy Check (CRC): A check performed on data to see if an error has occurred in transmitting,
reading, or writing the data. The result of a CRC is typically stored or transmitted with the checked data. The stored
or transmitted result is compared to a CRC calculated for the data to determine if an error has occurred.
D-cache: Data cache
DECT: the Digital European Cordless Telecommunications standard
Default Address: An address defined by the USB Specification and used by a USB device when it is first powered
or reset. The default address is 00H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com