Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 111 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 111 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 107Page - Intel Corporation PXA270 Datasheet HTML 108Page - Intel Corporation PXA270 Datasheet HTML 109Page - Intel Corporation PXA270 Datasheet HTML 110Page - Intel Corporation PXA270 Datasheet HTML 111Page - Intel Corporation PXA270 Datasheet HTML 112Page - Intel Corporation PXA270 Datasheet HTML 113Page - Intel Corporation PXA270 Datasheet HTML 114Page - Intel Corporation PXA270 Datasheet HTML 115Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
Glossary-1
Glossary
A
3G: An industry term used to describe the next, still-to-come generation of wireless applications. It represents a
move from circuit-switched communications (where a device user has to dial in to a network) to broadband,
high-speed, packet-based wireless networks (which are always on). The first generation of wireless
communications relied on analog technology, followed by digital wireless communications. The third generation
expands the digital capabilities by including high-speed connections and increased reliability.
802.11: Wireless specifications developed by the IEEE, outlining the means to manage packet traffic over a
network and ensure that packets do not collide, which could result in the loss of data, when travelling from device
to device.
8PSK: 8 phase shift key modulation scheme. Used in the EDGE standard.
AC ’97 AC-link standard serial interface for modem and audio
ACK: Handshake packet indicating a positive acknowledgment.
Active device: A device that is powered and is not in the suspended state.
Air interface: the RF interface between a mobile cellular handset and the base station
AMPS: Advanced Mobile Phone Service. A term used for analog technologies, the first generation of wireless
technologies.
Analog: Radio signals that are converted into a format that allows them to carry data. Cellular phones and other
wireless devices use analog in geographic areas with insufficient digital networks.
ARM* V5te: An ARM* architecture designation indicating the processor is conforms to ARM* architecture
version 5, including “Thumb” mode and the “El Segundo” DSP extensions.
Asynchronous Data: Data transferred at irregular intervals with relaxed latency requirements.
Asynchronous RA: The incoming data rate, Fs i, and the outgoing data rate, Fs o, of the RA process are
independent (i.e., there is no shared master clock). See also rate adaptation.
Asynchronous SRC: The incoming sample rate, Fsi, and outgoing sample rate, Fso, of the SRC process are
independent (i.e., there is no shared master clock). See also sample rate conversion.
Audio device: A device that sources or sinks sampled analog data.
AWG#: The measurement of a wire’s cross-section, as defined by the American Wire Gauge standard.
Babble: Unexpected bus activity that persists beyond a specified point in a (micro)frame.
Backlight Inverter: A device to drive cold cathode fluorescent lamps used to illuminate LCD panels.
Bandwidth: The amount of data transmitted per unit of time, typically bits per second (b/s) or bytes per second
(B/s). The size of a network “pipe” or channel for communications in wired networks. In wireless, it refers to the
range of available frequencies that carry a signal.
Base Station:The telephone company’s interface to the Mobile Station



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com