Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 74 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 74 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 70Page - Intel Corporation PXA270 Datasheet HTML 71Page - Intel Corporation PXA270 Datasheet HTML 72Page - Intel Corporation PXA270 Datasheet HTML 73Page - Intel Corporation PXA270 Datasheet HTML 74Page - Intel Corporation PXA270 Datasheet HTML 75Page - Intel Corporation PXA270 Datasheet HTML 76Page - Intel Corporation PXA270 Datasheet HTML 77Page - Intel Corporation PXA270 Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
6-10
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
6.2.7
Standby-Mode Timing
6.2.8
Idle-Mode Timing
6.2.9
Frequency-Change Timing
Table 6-9. Standby-Mode Timing Specifications
Symbol
Description
Min
Typical
Max
Units
—
13M mode to standby mode entry
—
0.34
—
msec
—
Standby mode exit to 13M mode1
0.28
—
11.282
msec
—
Run mode to standby mode entry
—
0.34
—
msec
—
Standby mode exit to run mode1
0.43
0.39
11.432
msec
NOTES:
1. The 13M oscillator is programmable
2. Add 0.1ms if the wake up event is external
Table 6-10. Idle-Mode Timing Specifications
Symbol
Description
Min
Typical
Max
Units
—
13M mode to deep idle mode entry
—
1
—
µs
—
Deep idle mode exit to 13M mode
—
1
—
µs
—
Run mode to idle run mode entry
—
1
—
µs
—
Idle run mode exit to run mode
—
1
—
µs
Table 6-11. Frequency-Change Timing Specifications
Symbol
Description
Min
Typical
Max
Units
—
Delay between MCR command to
frequency change sequence completion
—
1501
—
µs
—
Delay to change between turbo, half-
turbo and run modes
—
12
—
µs
—
Delay to enter 13M mode from any Run
mode 3
—
1
—
µs
—
Delay to exit 13M mode to any Run mode
—
24
—
µs
NOTES:
1. Any change to the CCCR[2N or L] bits followed by a write to CLFCFG[F] to initiate a frequency change
sequence, results in a PLL restart
2. Changing between turbo, half-turbo and run modes does not require a PLL restart
3. Software can only change into 13M mode from any run mode
4. Assuming software uses the PLL early enable feature (CCCR[PLL_EARLY_EN] prior to a frequency
change sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com