Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 92 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 92 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 88Page - Intel Corporation PXA270 Datasheet HTML 89Page - Intel Corporation PXA270 Datasheet HTML 90Page - Intel Corporation PXA270 Datasheet HTML 91Page - Intel Corporation PXA270 Datasheet HTML 92Page - Intel Corporation PXA270 Datasheet HTML 93Page - Intel Corporation PXA270 Datasheet HTML 94Page - Intel Corporation PXA270 Datasheet HTML 95Page - Intel Corporation PXA270 Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 126 page
background image
6-28
Electrical, Mechanical, and Thermal Specification
Intel® PXA270 Processor
AC Timing Specifications
Figure 6-17 indicates which clock data would be latched following the assertion of
nSDCAS(ADV), depending on the configuration of the SXCNFG[SXCLx] bit field. The period in
the diagram indicated by different frequency configuration codes (Fcodes or FCCs) is equal to the
number of SDCLK0 cycles between the READ command and the clock edge on which data is
driven onto the bus.
Figure 6-17. First-Access Latency Configuration Timing
Valid Address
0b0000
Beat 0
Beat 1
Beat 2
Beat 3 Beat 4
Beat 5
Beat 0
Beat 1
Beat 2 Beat 3
Beat 4
Beat 0
Beat 1 Beat 2
Beat 3
Beat 0 Beat 1
Beat 2
Beat 0
Beat 1
Beat 0
Code 7
Code 6
Code 5
Code 4
Code 3
Code 2
NOTE: CODE = Frequency Configuration Code
SDCLK<0>
nCS<0>
MA<19:0>
nSDCAS
DQM<3:0>
MD (Code = 2)
MD (Code = 3)
MD (Code = 4)
MD (Code = 5)
MD (Code = 6)
MD (Code = 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com