Electronic Components Datasheet Search
  English  ▼

X  

PXA270 Datasheet(PDF) 57 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 57 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 53Page - Intel Corporation PXA270 Datasheet HTML 54Page - Intel Corporation PXA270 Datasheet HTML 55Page - Intel Corporation PXA270 Datasheet HTML 56Page - Intel Corporation PXA270 Datasheet HTML 57Page - Intel Corporation PXA270 Datasheet HTML 58Page - Intel Corporation PXA270 Datasheet HTML 59Page - Intel Corporation PXA270 Datasheet HTML 60Page - Intel Corporation PXA270 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
5-7
Intel® PXA270 Processor
Electrical Specifications
Table 5-7. Power-Consumption Specifications (Sheet 1 of 2)
Parameter Description
Typical
Units
Conditions
Active Power Consumption
520 MHz Active Power (208 MHz System bus)
747
mW
VCC_CORE = 1.45V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
416 MHz Active Power (208 MHz System bus)
570
mW
VCC_CORE = 1.35V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
312 MHz Active Power (208 MHz System bus)
390
mW
VCC_CORE = 1.25V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
312 MHz Active Power (104 MHz System bus)
375
mW
VCC_CORE = 1.1V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
208 MHz Active Power (208 MHz System bus)
279
mW
VCC_CORE = 1.15V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
104 MHz Active Power (104 MHz System bus)
116
mW
VCC_CORE = 0.9V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
13 MHz Active Power (CCCR[CPDIS=1)
44.2
mW
VCC_CORE = 0.85V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
Idle Power Consumption
520 MHz Idle Power (208 MHz System bus)
222
mW
VCC_CORE = 1.45V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
416 MHz Idle Power (208 MHz System bus)
186
mW
VCC_CORE = 1.35V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
312 MHz Idle Power (208 MHz System bus)
154
mW
VCC_CORE = 1.25V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
312 MHz Idle Power (104 MHz System bus)
109
mW
VCC_CORE = 1.1V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
208 MHz Idle Power (208 MHz System bus)
129
mW
VCC_CORE = 1.15V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
104 MHz Idle Power (104 MHz System bus)
64
mW
VCC_CORE = 0.9V VCC_SRAM = 1.1V
VCC_PLL = 1.3V VCC_MEM, VCC_BB,
VCC_USIM, VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V
Low Power modes Power Consumption
13 MHz Idle Mode1 Power (LCD on)
15.4
mW
VCC_CORE, VCC_SRAM, VCC_PLL = 0.85V
VCC_MEM, VCC_BB, VCC_USIM,
VCC_LCD = 1.8V
VCC_IO, VCC_BATT, VCC_USB= 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com